Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF200AP Datasheet(PDF) 15 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # REF200AP
Description  DUAL CURRENT SOURCE/CURRENT SINK
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

REF200AP Datasheet(HTML) 15 Page - Burr-Brown (TI)

Back Button REF200AP Datasheet HTML 7Page - Burr-Brown (TI) REF200AP Datasheet HTML 8Page - Burr-Brown (TI) REF200AP Datasheet HTML 9Page - Burr-Brown (TI) REF200AP Datasheet HTML 10Page - Burr-Brown (TI) REF200AP Datasheet HTML 11Page - Burr-Brown (TI) REF200AP Datasheet HTML 12Page - Burr-Brown (TI) REF200AP Datasheet HTML 13Page - Burr-Brown (TI) REF200AP Datasheet HTML 14Page - Burr-Brown (TI) REF200AP Datasheet HTML 15Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
®
REF200
15
V
V
CENTER
O
I
W
–V , +V
= 100µA • R
W
W
–V
W
+V
V
5V
The
Window
0
1k
Ω
–V
S
V
O
CENTER
V
V
I
100µA
100µA
0.01µF
R
(3)
(2)
(1)
0.01µF
(1)
R
(3)
+5V
1/2
LM393
1/2
LM393
NOTES: (1) Capacitors optional to reduce noise and switching time.
(2) Programs center of threshold voltage. (3) Programs window voltage.
+V
S
(2)
FIGURE 25. Window Comparator.
FIGURE 26. Instrumentation Amplifier with Compliance to –VS.
100µA
V = +In – (–In)
O
100µA
–V
S
INA105
+V
S
–In
PMI
MAT03
+In
1/2
OPA1013
1/2
OPA1013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com