Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPWR025 Datasheet(PDF) 6 Page - California Micro Devices Corp

Part # CMPWR025
Description  Dual Input SmartOR Power Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CMPWR025 Datasheet(HTML) 6 Page - California Micro Devices Corp

  CMPWR025 Datasheet HTML 1Page - California Micro Devices Corp CMPWR025 Datasheet HTML 2Page - California Micro Devices Corp CMPWR025 Datasheet HTML 3Page - California Micro Devices Corp CMPWR025 Datasheet HTML 4Page - California Micro Devices Corp CMPWR025 Datasheet HTML 5Page - California Micro Devices Corp CMPWR025 Datasheet HTML 6Page - California Micro Devices Corp CMPWR025 Datasheet HTML 7Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
©2000 California Micro Devices Corp. All rights reserved.
10/18/2000
215 Topaz Street, Milpitas, California 95035

Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
6
CMPWR025
CALIFORNIA MICRO DEVICES
TYPICAL TRANSIENT CHARACTERISTICS
The circuit schematic below shows the transient charac-
terization test setup. It includes the power supply source
impedances R
S1 and RS2, which represent the power
supplies’ output impedances and interconnection
parasitics to the V
CC1 and VCC2 input pins. In this test set-
up, the series resistances on V
CC1 and VCC2 are respec-
tively R
S1 = 0.16Ω, and RS2 = 0.06Ω, unless specified
otherwise. A load resistance R
L of 11Ω is used, setting a
load current of about 450mA at 5V.
The hysteresis level is increased by connecting pin 8 to
ground, which will improve the transient performance in
noisy environments. In the transient analysis, the rise
time and fall time of V
CC1 is very long, in the 20msec
range, providing a worst case situation.
Important note: Power supply source impedance must
be as low as possible to avoid chatter during power
transition. When operating in a high load and long rise
time power-up condition, we recommend not exceeding
a value of 0.15
Ω on both source resistances.
V
HYS >
I(R
S
+ R
T)
Where: V
HYS = The Minimum Hysterisis Voltage = 80mV
Rs = The Power Supply Output Impedance
R
T = The PCB Trace Impedance
For a rated load of 500mA, Rs + R
T < 0.15Ω.
Input and Output Capacitors
Filtering is typically unnecessary on the inputs, however
power supply source impedance and parasitic resistance
or inductance on the interconnections may result in
chattering during the supply changeover. When an input
is deselected and the input current drops to zero, the
voltage at the input terminals will rise. If this voltage rise
exceeds the hysteresis (75mV typical), the switch may
chatter.
There are four ways to eliminate this chatter:
• Connect pin 8 to GND to select 150mV
hysteresis,
• Position the device as close as possible to the
power supply connectors,
• Use low-impedance PCB traces, or
• Include low-ESR input bypass capacitors at the
V
CC1 and VCC2 input pins. Capacitors of 10mF or
greater are recommended.
V
OUT provides the power for the load. To ensure the
output is glitch-free during dynamic switching of the
inputs, it is recommended that an external capacitor of
10µF or greater is included. This will restrict any tran-
sient output disturbances to less than 300mV at 500mA
loading during dynamic switching of the inputs.
The test set-up used in Figures 4 and 5 is described on
page 5. The set-up for Figure 6 has larger series
resistances on V
CC1 and VCC2.
V
CC1 Rising from 0V to 5V/(VCC2 = 5V).
Figure 4 shows
the primary supply V
CC1 becoming selected during a 0V
to 5V transition. The secondary supply V
CC2 is set to 5V
DC. The channel 1 switch is turned on when V
CC1 rises to
within about 70mV of V
CC2. VCC1 drops when it is selected
due to power supply source resistance R
S1. A positive
glitch appears on V
CC2 when channel 2 switch is turned
off, due to power supply inductance. This has no effect
on the output voltage.
C6
10µF
C5
0.1µF
Load
11
+
VCC1
5V
TR = 20ms
TF= 20ms
GND
VCC1
VCC2
HYS
GND
VOUT
CMPWR025
VOUT
+
VCC2
5V
RS2
C3
0.1µF
C4
10µF
+
GND
RS1
C1
0.1µF
C2
10µF
+
Transient Characterization Test Set-up



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com