Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPWR025 Datasheet(PDF) 2 Page - California Micro Devices Corp

Part # CMPWR025
Description  Dual Input SmartOR Power Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CMPWR025 Datasheet(HTML) 2 Page - California Micro Devices Corp

  CMPWR025 Datasheet HTML 1Page - California Micro Devices Corp CMPWR025 Datasheet HTML 2Page - California Micro Devices Corp CMPWR025 Datasheet HTML 3Page - California Micro Devices Corp CMPWR025 Datasheet HTML 4Page - California Micro Devices Corp CMPWR025 Datasheet HTML 5Page - California Micro Devices Corp CMPWR025 Datasheet HTML 6Page - California Micro Devices Corp CMPWR025 Datasheet HTML 7Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
©2000 California Micro Devices Corp. All rights reserved.
10/18/2000
215 Topaz Street, Milpitas, California 95035

Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
2
CMPWR025
CALIFORNIA MICRO DEVICES
S
G
N
I
T
A
R
M
U
M
I
X
A
M
E
T
U
L
O
S
B
A
r
e
t
e
m
a
r
a
P
g
n
i
t
a
Rt
i
n
U
)
M
B
H
(
n
o
i
t
c
e
t
o
r
P
D
S
E
0
0
0
2V
V
1
C
C
V
2
C
C
e
g
a
t
l
o
V
t
u
p
n
I
5
.
0
–
D
N
G
,
0
.
6
+V
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
0
5
1
+
o
t
0
4
–
t
n
e
i
b
m
A
g
n
i
t
a
r
e
p
O
0
7
+
o
t
0
oC
n
o
i
t
c
n
u
J
g
n
i
t
a
r
e
p
O
5
2
1
+
o
t
0
I
C
D
m
u
m
i
x
a
M
T
U
O
0
5
7A
m
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
3
.
0W
S
N
O
I
T
I
D
N
O
C
G
N
I
T
A
R
E
P
O
r
e
t
e
m
a
r
a
Pg
n
i
t
a
Rt
i
n
U
V
C
C
V
,
1
C
C
e
g
a
t
l
o
V
t
u
p
n
I
25
.
5
o
t
8
.
2V
e
r
u
t
a
r
e
p
m
e
T
t
n
e
i
b
m
A0
7
o
t
0C
°
Note 1: This parameter applies at 25°C only.
Note 2: Hysteresis level defines the maximum level of acceptable noise on V
CC during switching. Excessive parasitic inductance on VCC
board traces to the CMPWR025 may require an input capacitor to adequately filter the supply noise to below the hysteresis level.
This will ensure that precise switching occurs between V
CC1 and VCC2 supply inputs.
Note 3: This is the time, after the select/deselect threshold is reached, for the switches to react. Not tested, guaranteed by device design
and characterization.
S
C
I
T
S
I
R
E
T
C
A
R
A
H
C
G
N
I
T
A
R
E
P
O
L
A
C
I
R
T
C
E
L
E
)
e
s
i
w
r
e
h
t
o
d
e
i
f
i
c
e
p
s
s
s
e
l
n
u
s
n
o
i
t
i
d
n
o
c
g
n
i
t
a
r
e
p
o
r
e
v
o
(
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
Cn
i
Mp
y
Tx
a
Mt
i
n
U
V
1
S
E
D
C
C
V
1
C
C
t
c
e
l
e
s
e
D
1
e
t
o
N
V
1
C
C
V
w
o
l
e
b
l
e
v
e
l
t
c
e
l
e
s
e
D
2
C
C
g
n
i
t
a
o
l
f
)
S
Y
H
(
8
n
i
P
0
55
2
10
0
2V
m
V
2
S
E
D
C
C
V
1
C
C
2
t
c
e
l
e
s
e
D
1
e
t
o
N
V
1
C
C
V
w
o
l
e
b
l
e
v
e
l
t
c
e
l
e
s
e
D
2
C
C
d
e
d
n
u
o
r
g
)
S
Y
H
(
8
n
i
P
0
90
0
20
0
3V
m
V
L
E
S
1
C
C
V
1
C
C
t
c
e
l
e
S
e
c
n
e
r
e
f
e
r
P
1
e
t
o
N
0
10
50
0
1V
m
V
1
S
Y
H
V
2
S
Y
H
s
i
s
e
r
e
t
s
y
H
1
e
t
o
N
V
L
E
S
1
C
C
– V
,
S
E
D
1
C
C
g
n
i
t
a
o
l
f
8
n
i
P
V
L
E
S
1
C
C
V
–
,
S
E
D
1
C
C
d
e
d
n
u
o
r
g
8
n
i
P
0
4
0
8
5
7
0
5
1
0
0
1
0
0
2
V
m
V
m
t L
D
y
a
l
e
d
g
n
i
h
c
t
i
w
S
3
e
t
o
N
V
2
,
1
C
C
s
n
0
0
1
<
e
m
i
t
ll
a
f0
0
2s
n
t H
D
V
2
,
1
C
C
s
n
0
0
1
<
e
m
i
t
e
s
i
r0
0
2
R W
S
e
c
n
a
t
s
i
s
e
R
h
c
t
i
w
SI
D
A
O
L
A
m
0
0
5
o
t
0
=V
2
,
1
C
C
V
8
.
2
=8
2
.
04
.
0
Ω
I
D
A
O
L
V
A
m
0
0
5
o
t
0
=
2
,
1
C
C
V
0
.
5
=1
2
.
03
.
0
Ω
V W
S
h
c
t
i
w
S
s
s
o
r
c
A
p
o
r
D
e
g
a
t
l
o
V
V
(
2
,
1
C
C
V
–
T
U
O
)
I
T
U
O
V
(
A
m
0
0
1
=
1
C
C
V
,
2
C
C
)
V
8
.
2
=
I
T
U
O
V
(
A
m
0
0
2
=
1
C
C
V
,
2
C
C
)
V
8
.
2
=
I
T
U
O
V
(
A
m
0
0
5
=
1
C
C
V
,
2
C
C
)
V
8
.
2
=
I
T
U
O
V
(
A
m
0
0
1
=
1
C
C
V
,
2
C
C
)
V
5
=
I
T
U
O
V
(
A
m
0
0
2
=
1
C
C
V
,
2
C
C
)
V
5
=
I
T
U
O
V
(
A
m
0
0
5
=
1
C
C
V
,
2
C
C
)
V
5
=
8
2
6
5
0
4
1
1
2
2
4
5
0
1
0
4
0
8
0
0
2
0
3
0
6
0
5
1
V
m
V
m
I
1
C
C
R
e
g
a
k
a
e
L
e
s
r
e
v
e
RV
1
C
C
,
V
0
=V
2
C
C
V
5
=0
0
1
Α
µ
I
2
C
C
R
V
1
C
C
V
,
V
5
=
2
C
C
V
0
=0
0
1
I
,
1
C
C
I
2
C
C
t
n
e
r
r
u
C
y
l
p
p
u
SI
(
d
e
t
c
e
l
e
S
n
e
h
W
T
U
O
)
0
=0
2
Α
µ
d
e
t
c
e
l
e
S
t
o
n
n
e
h
W0
.
1
I
D
N
G
t
n
e
r
r
u
C
n
i
P
d
n
u
o
r
GV
1
C
C
=V
2
C
C
I
,
V
5
=
,
D
A
O
L
o
t
A
m
0
=0
20
5
Α
µ
A
m
0
0
5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com