Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPWR025 Datasheet(PDF) 7 Page - California Micro Devices Corp

Part # CMPWR025
Description  Dual Input SmartOR Power Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CMPWR025 Datasheet(HTML) 7 Page - California Micro Devices Corp

  CMPWR025 Datasheet HTML 1Page - California Micro Devices Corp CMPWR025 Datasheet HTML 2Page - California Micro Devices Corp CMPWR025 Datasheet HTML 3Page - California Micro Devices Corp CMPWR025 Datasheet HTML 4Page - California Micro Devices Corp CMPWR025 Datasheet HTML 5Page - California Micro Devices Corp CMPWR025 Datasheet HTML 6Page - California Micro Devices Corp CMPWR025 Datasheet HTML 7Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
© 2000 California Micro Devices Corp. All rights reserved.
10/18/2000
7
CMPWR025
CALIFORNIA MICRO DEVICES
215 Topaz Street, Milpitas, California 95035

Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
4.88V
VCC2
∆: 72mV
VCC1
VOUT
M 50µs
100mV
Ch1
100mV
Ch3
100mV
3
1.00MS/s
Tek
4 Acqs
Ch1
@: 4.900V
Figure 4. V
CC1 rising from 0V to 5V, VCC2 = 5V.
Ch1 and Ch2: V
CC1 and VCC2, offset = 5V.
Ch3: V
OUT , offset = 5V.
V
CC1 Falling from 5V to 0V (VCC2 = 5V). Figure 5 shows
the primary supply V
cc1 becoming deselected during a 5V
to 0V transition. The test conditions are the same as in
Figure 4. Channel 2 switch is turned on as soon as V
cc2
and V
cc1 are about 200mV. A negative glitch appears on
V
cc2, when channel 2 is turned on. This has no effect on
the output voltage.
4.88V
VCC2
∆: 200mV
VCC1
VOUT
M 50µs
100mV
Ch2
100mV
Ch3
100mV
3
1.00MS/s
Tek
1 Acqs
Ch1
@: 4.802V
Figure 5. V
CC1 falling from 0V to 5V (VCC2 = 5V).
Ch1 and Ch2: V
CC1 and VCC2, offset = 5V.
Ch3: V
OUT , offset = 5V.
V
CC1 Rising (VCC2 = 5V).
Figure 6 is a bad test set-up that
shows what may happen if either power supply source
resistance R
S1 or RS2 is too large. In this example, RS2 is
increased to 0.3
Ω.
The oscillation during the power transition is caused by
the cumulated voltage change across R
S1 and RS2 being
greater than the hysteresis. The behavior is exacerbated
by:
• a high load current,
• too many parasitics on power lines, and
• noisy power sources.
To avoid such behavior, the solution is to reduce the load
or parasitic on power supply and layout, or use a more
stable power supply.
See Application Note AP-211 for more information.
4.62V
VCC2
∆: 72mV
VCC1
VOUT
M 1.00ms
100mV
Ch2
500mV
Ch3
100mV
3
50.0kS/s
Tek
0 Acqs
Ch3
@: 4.790V
Figure 6. V
CC1 Rising (VCC2@ = 5V).
Ch1 and Ch2: V
CC1 and VCC2@, offset = 5V.
Ch3: V
OUT, offset = 3.3V.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com