Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPWR330SA Datasheet(PDF) 4 Page - California Micro Devices Corp

Part # CMPWR330SA
Description  400mA SMARTOR Dual Regulator with V switch?
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CMPWR330SA Datasheet(HTML) 4 Page - California Micro Devices Corp

  CMPWR330SA Datasheet HTML 1Page - California Micro Devices Corp CMPWR330SA Datasheet HTML 2Page - California Micro Devices Corp CMPWR330SA Datasheet HTML 3Page - California Micro Devices Corp CMPWR330SA Datasheet HTML 4Page - California Micro Devices Corp CMPWR330SA Datasheet HTML 5Page - California Micro Devices Corp CMPWR330SA Datasheet HTML 6Page - California Micro Devices Corp CMPWR330SA Datasheet HTML 7Page - California Micro Devices Corp CMPWR330SA Datasheet HTML 8Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CALIFORNIA MICRO DEVICES
©2001 California Micro Devices Corp. All rights reserved. Smart OR™ is a trademark of California Micro Devices.
3/6/2001
215 Topaz Street, Milpitas, California 95035

Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
4
CMPWR330
Figure 1. V
CC Supply Current vs Voltage
Figure 2. V
SBY Supply Current vs Voltage
Figure 3. V
AUX Supply Current vs Voltage
Figure 4. Ground Current vs Output Load
Figure 5. Line Regulation (5mA Load)
Figure 6. Line Regulation (400mA Load)
01
2
3
4
5
6
VCC Input Voltage (V)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
01
2
3
4
5
6
VSBY Input Voltage (V)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
3.5
4
4.5
5
5.5
6
Line Voltage (V)
3.0
3.1
3.2
3.3
3.4
3.5
4
4.5
5
5.5
6
Line Voltage (V)
3.0
3.1
3.2
3.3
3.4
Typical DC Characteristics (nominal conditions unless specified otherwise)
0
100
200
300
400
Load Current (mA)
0.6
0.7
0.8
0.9
1.0
1.1
1.2
01
2
3
4
VAUX Input Voltage (V)
0.0
0.1
0.2
0.3
0.4
0.5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com