Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPWR330SA Datasheet(PDF) 3 Page - California Micro Devices Corp

Part # CMPWR330SA
Description  400mA SMARTOR Dual Regulator with V switch?
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CMPWR330SA Datasheet(HTML) 3 Page - California Micro Devices Corp

  CMPWR330SA Datasheet HTML 1Page - California Micro Devices Corp CMPWR330SA Datasheet HTML 2Page - California Micro Devices Corp CMPWR330SA Datasheet HTML 3Page - California Micro Devices Corp CMPWR330SA Datasheet HTML 4Page - California Micro Devices Corp CMPWR330SA Datasheet HTML 5Page - California Micro Devices Corp CMPWR330SA Datasheet HTML 6Page - California Micro Devices Corp CMPWR330SA Datasheet HTML 7Page - California Micro Devices Corp CMPWR330SA Datasheet HTML 8Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CALIFORNIA MICRO DEVICES
3/6/2001
3
215 Topaz Street, Milpitas, California 95035

Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
CMPWR330
©2001 California Micro Devices Corp. All rights reserved. Smart OR™ is a trademark of California Micro Devices.
Interface Signals
V
CC is a positive input supply for the voltage regulator.
Whenever this supply voltage exceeds the V
CCSEL level
(4.4V), it will immediately be given priority and be used
to power the regulator output. If this supply voltage falls
below the V
CCDES level (4.2V) it will immediately be
deselected and no longer provide power for the regula-
tor output. An internal hysteresis voltage of 0.2V is used
to prevent any chatter during selection and deselection
of V
CC. The effective source impedance of VCC should be
kept below 0.3
Ω to ensure changeover disturbances do
not exceed the hysteresis level.
If the connection to V
CC is made within a few inches of
the main input filter, a bypass capacitor may not be
necessary. Otherwise a bypass filter capacitor in the
range of 1µF to 10µF will ensure adequate filtering.
V
SBY is the standby input supply (5V), which is immedi-
ately used to power the regulator output whenever V
CC is
below the deselect level (4.2V).
If the V
SBY connection is made within a few inches of the
main input filter, a bypass capacitor may not be neces-
sary. Otherwise a bypass filter capacitor in the range of
1µF to 10µF will ensure adequate filtering.
V
AUX is the auxiliary voltage power source. This supply is
selected only when V
CC falls below 4.2V and the VSBY is
not present. Under these conditions an internal switch is
enabled and provides a very low impedance connection
directly between V
OUT and VAUX.
V
OUT is the output voltage. Power is provided from the
regulator or via the low impedance auxiliary switch. This
output requires a capacitance of 10µF to ensure regula-
tor stability and minimize the peak output disturbance
during power supply changeover.
GND provides the reference for all voltages.
INTERFACE SIGNALS
Pin
Symbol
Description
1
VSYB
Standby supply voltage (5V) input for regulator whenever VCC falls below 4.2V.
2
VCC
Primary supply voltage (5V) input for regulator
3
VOUT
Regulator voltage output (3.3V) regulator when either VCC or VSYB is present
4
VAUX
Auxiliary supply voltage (3.3V) input for low impedance switch
5 - 8
GND
Reference for all voltages
Simplified Electrical Schematic
VOUT
3.3V
400mA
VREF
3.3V
+
–
5VCC
+
+
–
VDESELECT
4.2V
CONTROLLER
REGULATOR AMP
ENABLE
SELECT (VCC/VSBY)
5VSBY
3.3VAUX
GND
GND
VSBY
VCC
AUXSW
0.25
Ω
AUXSW



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com