Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPWR330SA Datasheet(PDF) 1 Page - California Micro Devices Corp

Part # CMPWR330SA
Description  400mA SMARTOR Dual Regulator with V switch?
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CMPWR330SA Datasheet(HTML) 1 Page - California Micro Devices Corp

  CMPWR330SA Datasheet HTML 1Page - California Micro Devices Corp CMPWR330SA Datasheet HTML 2Page - California Micro Devices Corp CMPWR330SA Datasheet HTML 3Page - California Micro Devices Corp CMPWR330SA Datasheet HTML 4Page - California Micro Devices Corp CMPWR330SA Datasheet HTML 5Page - California Micro Devices Corp CMPWR330SA Datasheet HTML 6Page - California Micro Devices Corp CMPWR330SA Datasheet HTML 7Page - California Micro Devices Corp CMPWR330SA Datasheet HTML 8Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
CALIFORNIA MICRO DEVICES
3/6/2001
1
215 Topaz Street, Milpitas, California 95035

Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
CMPWR330
©2001 California Micro Devices Corp. All rights reserved. Smart OR™ is a trademark of California Micro Devices.
400mA SmartORTM Dual Regulator with V
AUX Switch
Features
• Continuous 3.3V output from three inputs
• Complete power management solution
•V
CC, VSBY regulator supplies 400mA output
• Built-in hysteresis when selecting input supplies
• Integrated switch has very low R
DS(ON) 0.25Ω (TYP)
• Foldback current limiting protection
• Thermal overload shutdown protection
• 8-pin power SOIC package
Product Description
The CMPWR330 is a dual input regulator with a fully
integrated V
AUX switch capable of delivering up to
400mA continuously at 3.3V. The output power is
provided from three independent input voltage sources
on a prioritized basis. Power is always taken in priority
using the following order V
CC, VSBY, and VAUX.
When V
CC (5V) or VSBY is present, the device automati-
cally enables the regulator and produces a stable 3.3V
output at V
OUT.
Applications
• PCI adapter cards with Wake-On-LAN
• Network Interface Cards (NICs)
• Multiple power systems
• Systems with standby capabilities
C1680101
Pin Diagram
When only V
AUX (3.3V) is present, the device provides a
low impedance direct connection (0.25
Ω TYP) from V
AUX
to V
OUT.
All the necessary control circuitry needed to provide a
smooth and automatic transition between all three
supplies has been incorporated. This allows the V
CC
input supply to be dynamically switched without loss of
output voltage.
PIN DIAGRAM AND ELECTRICAL SCHEMATIC
GND
Top View
CMPWR330
8-Pin Power SOIC
VAUX
5
4
GND
VOUT
6
3
GND
VCC
7
2
GND
VSBY
8
1
STANDARD PART ORDERING INFORMATION
Package
Ordering Part Number
Pins
Style
Tubes
Tape & Reel
Part Marking
8
Power SOIC
CMPWR330SA/T
CMPWR330SA/R
CMPWR330SA
Typical Application Circuit
VCC
VCC
VAUX
VSBY
GND
GND
VOUT
VOUT
3.3V
400mA
CMPWR330
VAUX
3.3V
10µF
+
–
+
–
1µF
VSBY
GND
+
–
1µF
5V
5V


Similar Part No. - CMPWR330SA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CMPWR330SF ONSEMI-CMPWR330SF Datasheet
162Kb / 13P
400mA SmartOR Regulator with VAUX Switch
June 2010 Rev. 3
More results

Similar Description - CMPWR330SA

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CMPWR025 CALMIRCO-CMPWR025 Datasheet
90Kb / 7P
Dual Input SmartOR Power Switch
CMPWR101 CALMIRCO-CMPWR101 Datasheet
97Kb / 6P
250mA SMARTOR Regulator with V switch
CMPWR130 CALMIRCO-CMPWR130 Datasheet
94Kb / 6P
300mA SMARTOR Regulator with V Drive
CMPWR280 CALMIRCO-CMPWR280 Datasheet
242Kb / 10P
1.5A SMARTOR Dual Regulator with Vaux Drive
CMPWR300 CALMIRCO-CMPWR300 Datasheet
365Kb / 11P
500mA SMARTOR Dual Regulator with V switch?
CM3103 CALMIRCO-CM3103 Datasheet
174Kb / 10P
400mA SMARTOR REGULATOR Vaux SWITCH
logo
ELM Technology Corporat...
ELM861212B1A-S ELM-TECH-ELM861212B1A-S Datasheet
133Kb / 13P
Dual 400mA LDO Regulator
logo
ON Semiconductor
CMPWR330 ONSEMI-CMPWR330 Datasheet
162Kb / 13P
400mA SmartOR Regulator with VAUX Switch
June 2010 Rev. 3
logo
Linear Technology
LTC3670 LINER-LTC3670_15 Datasheet
216Kb / 12P
Monolithic 400mA Buck Regulator with Dual 150mA
logo
ON Semiconductor
CMPWR280 ONSEMI-CMPWR280 Datasheet
514Kb / 11P
Dual Input SmartOR POWER Switch
April, 2011 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com