Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPWR330 Datasheet (PDF) - ON Semiconductor

CMPWR330 Datasheet PDF - ON Semiconductor
Part # CMPWR330
Download  CMPWR330 Download
File Size   162.03 Kbytes
Page   13 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 400mA SmartOR Regulator with VAUX Switch

CMPWR330 Datasheet (PDF)

Go To PDF Page Download Datasheet
CMPWR330 Datasheet PDF - ON Semiconductor

Part # CMPWR330
Download  CMPWR330 Click to download

File Size   162.03 Kbytes
Page   13 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 400mA SmartOR Regulator with VAUX Switch

CMPWR330 Datasheet (HTML) - ON Semiconductor


CMPWR330 Product details

Product Description
The CMPWR330 is a dual input regulator with a fully integrated VAUX switch capable of delivering up to 400mA continuously at 3.3V. The output power is provided from three independent input voltage sources on a prioritized basis. Power is always taken in priority using the following order VCC, VSBY, and VAUX.

Features
• Continuous 3.3V output from three inputs
• Complete power management solution
• VCC, VSBY regulator supplies 400mA output
• Built-in hysteresis when selecting input supplies
• Integrated switch has very low RDS(ON) 0.25Ω (TYP)
• Foldback current limiting protection
• Thermal overload shutdown protection
• 8-pin power SOIC package

Applications
• PCI adapter cards with Wake-On-LAN
• Network Interface Cards (NICs)
• Multiple power systems
• Systems with standby capabilities




Similar Part No. - CMPWR330

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CMPWR330 CALMIRCO-CMPWR330 Datasheet
132Kb / 8P
400mA SMARTOR Dual Regulator with V switch?
CMPWR330SA CALMIRCO-CMPWR330SA Datasheet
132Kb / 8P
400mA SMARTOR Dual Regulator with V switch?
CMPWR330SAR CALMIRCO-CMPWR330SAR Datasheet
132Kb / 8P
400mA SMARTOR Dual Regulator with V switch?
CMPWR330SAT CALMIRCO-CMPWR330SAT Datasheet
132Kb / 8P
400mA SMARTOR Dual Regulator with V switch?
More results


Similar Description - CMPWR330

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CMPWR101 CALMIRCO-CMPWR101 Datasheet
97Kb / 6P
250mA SMARTOR Regulator with V switch
CMPWR130 CALMIRCO-CMPWR130 Datasheet
94Kb / 6P
300mA SMARTOR Regulator with V Drive
CMPWR280 CALMIRCO-CMPWR280 Datasheet
242Kb / 10P
1.5A SMARTOR Dual Regulator with Vaux Drive
CMPWR300 CALMIRCO-CMPWR300 Datasheet
365Kb / 11P
500mA SMARTOR Dual Regulator with V switch?
CMPWR330 CALMIRCO-CMPWR330 Datasheet
132Kb / 8P
400mA SMARTOR Dual Regulator with V switch?
logo
Advanced Analogic Techn...
AAT1204 ANALOGICTECH-AAT1204 Datasheet
213Kb / 13P
400-mA MULTI-INPUT LOW-DROPOUT REGULATOR WITH VAUX SWITCH
logo
California Micro Device...
CM3103 CALMIRCO-CM3103 Datasheet
174Kb / 10P
400mA SMARTOR REGULATOR Vaux SWITCH
logo
Analog Intergrations Co...
AIC1532 AIC-AIC1532 Datasheet
59Kb / 4P
500mA DUAL REGULATOR WITH VAUX DRIVE
logo
Advanced Analog Technol...
AAT1204 AAT-AAT1204 Datasheet
213Kb / 13P
400-mA MULTI-INPUT LOW-DROPOUT REGULATOR WITH VAUX SWITCH
V 1.0
logo
ON Semiconductor
CMPWR101 ONSEMI-CMPWR101 Datasheet
137Kb / 12P
250mA SmartORTM Regulator with VAUX Switch
June 2010 Rev. 3
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com