Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPWR330 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CMPWR330
Description  400mA SmartOR Regulator with VAUX Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CMPWR330 Datasheet(HTML) 2 Page - ON Semiconductor

  CMPWR330 Datasheet HTML 1Page - ON Semiconductor CMPWR330 Datasheet HTML 2Page - ON Semiconductor CMPWR330 Datasheet HTML 3Page - ON Semiconductor CMPWR330 Datasheet HTML 4Page - ON Semiconductor CMPWR330 Datasheet HTML 5Page - ON Semiconductor CMPWR330 Datasheet HTML 6Page - ON Semiconductor CMPWR330 Datasheet HTML 7Page - ON Semiconductor CMPWR330 Datasheet HTML 8Page - ON Semiconductor CMPWR330 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
CMPWR330
Rev. 3 | Page 2 of 13 | www.onsemi.com
Simplified Electrical Schematic
Typical Application Circuit
PIN DESCRIPTIONS
PIN(S)
NAME
DESCRIPTION
1
V
SBY
V
SBY is the standby input supply (5V), which is used to power the regulator whenever VCC is below
the deselect level (4.2V). If the V
SBY connection is made within a few inches of the main input filter,
a bypass capacitor may not be necessary. Otherwise a bypass filter capacitor in the range of 1µF
to 10µF will ensure adequate filtering.
2
V
CC
V
CC is a positive input supply for the voltage regulator. Whenever this supply voltage exceeds the
V
CCSEL level (4.4V), it will be given priority and be used to power the regulator output. If this supply
voltage falls below the V
CCDES level (4.2V) it will immediately be deselected and no longer provide
power for the regulator output. An internal hysteresis voltage of 0.2V is used to prevent any
chatter during selection and deselection of V
CC. The effective source impedance of VCC should be
kept below 0.3
Ω to ensure changeover disturbances do not exceed the hysteresis level.
If the connection to V
CC is made within a few inches of the main input filter, a bypass capacitor
may not be necessary. Otherwise a bypass filter capacitor in the range of 1µF to 10µF will ensure
adequate filtering.
3
V
OUT
V
OUT is the output voltage. Power is provided from the regulator or via the low impedance auxiliary
switch. This output requires a capacitance of 10µF to ensure regulator stability and minimize the
peak output disturbance during power supply changeover.
4
V
AUX
V
AUX is the auxiliary voltage power source. This supply is selected only when VCC falls below 4.2V
and the V
SBY is not present. Under these conditions an internal switch is enabled and provides a
very low impedance connection directly between V
AUX and VOUT.
5-8
GND
The negative reference for all voltages. Also functions as a thermal path for heat dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com