Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPWR330 Datasheet(PDF) 12 Page - ON Semiconductor

Part # CMPWR330
Description  400mA SmartOR Regulator with VAUX Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CMPWR330 Datasheet(HTML) 12 Page - ON Semiconductor

Back Button CMPWR330 Datasheet HTML 5Page - ON Semiconductor CMPWR330 Datasheet HTML 6Page - ON Semiconductor CMPWR330 Datasheet HTML 7Page - ON Semiconductor CMPWR330 Datasheet HTML 8Page - ON Semiconductor CMPWR330 Datasheet HTML 9Page - ON Semiconductor CMPWR330 Datasheet HTML 10Page - ON Semiconductor CMPWR330 Datasheet HTML 11Page - ON Semiconductor CMPWR330 Datasheet HTML 12Page - ON Semiconductor CMPWR330 Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
CMPWR330
Rev. 3 | Page 12 of 13 | www.onsemi.com
Mechanical Details
SOIC-8 Mechanical Specifications
Dimensions for CMPWR330 devices packaged in 8-pin SOIC packages are presented below.
For complete information on the SOIC-8 package, see the California Micro Devices SOIC Package Information
document.
PACKAGE DIMENSIONS
Package
SOIC
Pins
8
Millimeters
Inches
Dimensions
Min
Max
Min
Max
A
1.35
1.75
0.053
0.069
A
1
0.10
0.25
0.004
0.010
B
0.33
0.51
0.013
0.020
C
0.19
0.25
0.007
0.010
D
4.80
5.00
0.189
0.197
E
3.80
4.19
0.150
0.165
e
1.27 BSC
0.050 BSC
H
5.80
6.20
0.228
0.244
L
0.40
1.27
0.016
0.050
# per tube
100 pieces*
# per tape
and reel
2500 pieces
Controlling dimension: inches
* This is an approximate number which may vary.
Package Dimensions for SOIC-8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com