Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPWR330 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CMPWR330
Description  400mA SmartOR Regulator with VAUX Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CMPWR330 Datasheet(HTML) 4 Page - ON Semiconductor

  CMPWR330 Datasheet HTML 1Page - ON Semiconductor CMPWR330 Datasheet HTML 2Page - ON Semiconductor CMPWR330 Datasheet HTML 3Page - ON Semiconductor CMPWR330 Datasheet HTML 4Page - ON Semiconductor CMPWR330 Datasheet HTML 5Page - ON Semiconductor CMPWR330 Datasheet HTML 6Page - ON Semiconductor CMPWR330 Datasheet HTML 7Page - ON Semiconductor CMPWR330 Datasheet HTML 8Page - ON Semiconductor CMPWR330 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
CMPWR330
Rev. 3 | Page 4 of 13 | www.onsemi.com
Specifications
ABSOLUTE MAXIMUM RATINGS
PARAMETER
RATING
UNITS
ESD Protection (HBM)
+2000
V
Pin Input Voltages
V
CC, VSBY
V
AUX
[GND - 0.5] to +6.0
[GND - 0.5] to +4.0
V
V
Storage Temperature Range
-40 to +150
°C
Operating Temperature Range
Ambient
Junction
0 to +70
0 to +125
°C
°C
Power Dissipation (See Note 1)
Internally Limited
W
Note 1: At rated load, the power dissipation will be 0.68W (1.7V x 0.4A). Under these conditions, (in a 70°C ambient), the
thermal resistance from junction to ambient (
θ
JA) must not exceed 80°C/W. This is typically achieved with 2 square
inches of copper printed circuit board area connected to the GND pins for heat spreading, or equivalent.
STANDARD OPERATING CONDITIONS
PARAMETER
VALUE
UNITS
V
CC, VSBY
5.0 +0.25
V
V
AUX
3.3 +0.3
V
Ambient Operating Temperature Range
0 to +70
°C
Load Current
0 to 400
mA
C
EXT
10 +20%
μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com