Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPWR330 Datasheet(PDF) 5 Page - ON Semiconductor

Part # CMPWR330
Description  400mA SmartOR Regulator with VAUX Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CMPWR330 Datasheet(HTML) 5 Page - ON Semiconductor

  CMPWR330 Datasheet HTML 1Page - ON Semiconductor CMPWR330 Datasheet HTML 2Page - ON Semiconductor CMPWR330 Datasheet HTML 3Page - ON Semiconductor CMPWR330 Datasheet HTML 4Page - ON Semiconductor CMPWR330 Datasheet HTML 5Page - ON Semiconductor CMPWR330 Datasheet HTML 6Page - ON Semiconductor CMPWR330 Datasheet HTML 7Page - ON Semiconductor CMPWR330 Datasheet HTML 8Page - ON Semiconductor CMPWR330 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
CMPWR330
Rev. 3 | Page 5 of 13 | www.onsemi.com
ELECTRICAL OPERATING CHARACTERISTICS (SEE NOTE 1)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
V
OUT
Regulator Output Voltage
0mA < I
LOAD < 400mA
3.135
3.300
3.465
V
I
LIM
Regulator Current Limit
V
OUT > 1V
500
mA
I
S/C
Short Circuit Current
V
CC/SBY = 5V, VOUT = 0V
150
mA
V
R LOAD
Load Regulation
V
CC = 5V, 5mA < ILOAD < 400mA
20
mV
V
R LINE
Line Regulation
xx
I
LOAD = 5mA; 4.5V < VIN < to 5.5V
2
mV
V
CCSEL
V
CC Select Voltage
V
SBY or VAUX present
4.40
4.60
V
V
CCDES
V
CC Deselect Voltage
V
SBY or VAUX present
4.00
4.20
V
V
HYST
Hysteresis Voltage
V
SBY or VAUX present; See Note 2
0.20
V
R
SW
V
AUX Switch Resistance
0.25
0.40
Ω
I
RCC
I
RSBY
I
RAUX
V
CC Reverse Leakage
V
SBY Reverse Leakage
V
AUX Reverse Leakage
One supply input taken to GND while the
others remain at nominal voltage.
5
100
μA
I
CC
V
CC Supply Current
V
CC > VCCSEL, ILOAD = 0mA
0.8
1.5
mA
I
SBY
V
SBY Supply Current
V
CC < VCCSEL, ILOAD = 0mA
0.8
1.5
mA
I
AUX
V
AUX Supply Current
V
AUX is selected, ILOAD = 0mA
0.20
0.30
mA
I
GND
Ground Current
V
AUX is selected, (VCC/SBY = 0V)
V
CC/SBY = 5V, ILOAD = 0mA
V
CC/SBY = 5V, ILOAD = 400mA
0.20
0.80
1.00
0.30
1.50
2.00
mA
mA
mA
T
DISABLE
T
HYST
Shutdown Temperature
Thermal Hysteresis
160
20
°C
°C
Note 1: Operating characteristics are over Standard Operating Conditions unless otherwise specified.
Note 2: The disturbance on V
CC during supply changeover should be kept below the hysteresis voltage to prevent any chatter.
The source resistance on the V
CC
supply should be kept to less than 0.3 ohms to ensure precise switching.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com