Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPWR101 Datasheet (PDF) - ON Semiconductor

CMPWR101 Datasheet PDF - ON Semiconductor
Part # CMPWR101
Download  CMPWR101 Download
File Size   137.05 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 250mA SmartORTM Regulator with VAUX Switch

CMPWR101 Datasheet (PDF)

Go To PDF Page Download Datasheet
CMPWR101 Datasheet PDF - ON Semiconductor

Part # CMPWR101
Download  CMPWR101 Click to download

File Size   137.05 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 250mA SmartORTM Regulator with VAUX Switch

CMPWR101 Datasheet (HTML) - ON Semiconductor


CMPWR101 Product details

Product Description
The ON Semiconductor’s SmartOR CMPWR101 is a low dropout regulator that delivers up to 250 mA of load current at a fixed 3.3 V output. An internal threshold level (typically 4.1 V) is used to prevent the regulator from being operated below dropout voltage. The device continuously monitors the input supply and will automatically disable the regulator when VCC falls below the threshold level. When the regulator is disabled, a low impedance, fully integrated switch is enabled which allows the output to be directly powered from an auxiliary 3.3 V supply.

Features
• Automatic Detection of VCC Input Supply
• Glitch−Free Output During Supply Transitions
• Built−In Hysteresis During Supply Selection
• 250 mA Output Maximum Load Current
• Fully Integrated VAUX Switch
• Overload Current Protection
• Short Circuit Current Protection
• Operates from Either VCC or VAUX
• 8−Pin SOIC Package
• These Devices are Pb−Free and are RoHS Compliant

Applications
• PCI Adapter Cards
• Network Interface Cards (NICs)
• Dual Power Systems
• Systems with Standby Capabilities




Similar Part No. - CMPWR101

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CMPWR101 CALMIRCO-CMPWR101 Datasheet
97Kb / 6P
250mA SMARTOR Regulator with V switch
CMPWR101S CALMIRCO-CMPWR101S Datasheet
97Kb / 6P
250mA SMARTOR Regulator with V switch
CMPWR101SR CALMIRCO-CMPWR101SR Datasheet
97Kb / 6P
250mA SMARTOR Regulator with V switch
CMPWR101ST CALMIRCO-CMPWR101ST Datasheet
97Kb / 6P
250mA SMARTOR Regulator with V switch
More results


Similar Description - CMPWR101

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CMPWR101 CALMIRCO-CMPWR101 Datasheet
97Kb / 6P
250mA SMARTOR Regulator with V switch
CMPWR280 CALMIRCO-CMPWR280 Datasheet
242Kb / 10P
1.5A SMARTOR Dual Regulator with Vaux Drive
logo
Advanced Analogic Techn...
AAT1204 ANALOGICTECH-AAT1204 Datasheet
213Kb / 13P
400-mA MULTI-INPUT LOW-DROPOUT REGULATOR WITH VAUX SWITCH
logo
California Micro Device...
CM3103 CALMIRCO-CM3103 Datasheet
174Kb / 10P
400mA SMARTOR REGULATOR Vaux SWITCH
logo
Mitsumi Electronics, Co...
MM312 MITSUMI-MM312 Datasheet
74Kb / 2P
250mA CMOS Regulator
logo
Analog Intergrations Co...
AIC1532 AIC-AIC1532 Datasheet
59Kb / 4P
500mA DUAL REGULATOR WITH VAUX DRIVE
logo
Advanced Analog Technol...
AAT1204 AAT-AAT1204 Datasheet
213Kb / 13P
400-mA MULTI-INPUT LOW-DROPOUT REGULATOR WITH VAUX SWITCH
V 1.0
logo
Silicon Standard Corp.
SS6532 SSC-SS6532 Datasheet
639Kb / 9P
500mA Dual Linear Regulator with VAUX Driver
logo
ON Semiconductor
CMPWR330 ONSEMI-CMPWR330 Datasheet
162Kb / 13P
400mA SmartOR Regulator with VAUX Switch
June 2010 Rev. 3
logo
Orister Corporation
RS7200 ORISTER-RS7200 Datasheet
422Kb / 7P
250mA Linear Regulator with Enable
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com