Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPWR101 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CMPWR101
Description  250mA SmartORTM Regulator with VAUX Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CMPWR101 Datasheet(HTML) 2 Page - ON Semiconductor

  CMPWR101 Datasheet HTML 1Page - ON Semiconductor CMPWR101 Datasheet HTML 2Page - ON Semiconductor CMPWR101 Datasheet HTML 3Page - ON Semiconductor CMPWR101 Datasheet HTML 4Page - ON Semiconductor CMPWR101 Datasheet HTML 5Page - ON Semiconductor CMPWR101 Datasheet HTML 6Page - ON Semiconductor CMPWR101 Datasheet HTML 7Page - ON Semiconductor CMPWR101 Datasheet HTML 8Page - ON Semiconductor CMPWR101 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CMPWR101
Rev. 3 | Page 2 of 12 | www.onsemi.com
Simplified Electrical Schematic
Typical Application Circuit
PIN DESCRIPTIONS
PIN(S)
NAME
DESCRIPTION
1
V
CC
V
CC is the power source for the internal regulator and is monitored continuously by an internal controller
circuit. Whenever V
CC exceeds VCCSEL (4.25V typically), the internal regulator will be enabled and deliver
a fixed 3.3V at V
OUT.
When V
CC falls below VCCDES (4.10V typically), the regulator will be disabled. Internal loading on this pin is
typically 0.6mA when the regulator is enabled, which reduces to 0.1mA whenever the regulator is
disabled. If V
CC falls below the voltage on the VAUX pin, the VCC loading will further reduce to only a few
microamperes. During a V
CC power-up or power-down sequence, there will be an effective step increase
in V
CC line current when the regulator is enabled/disabled. This line current transient will cause a voltage
disturbance at the V
CC pin. The magnitude of the disturbance will be directly proportional to the effective
power supply source impedance being delivered to the V
CC input.
A built-in hysteresis voltage of 150mV has been incorporated to minimize any chatter during supply
changeover. It is recommended that the power supply connected to the V
CC input should have a source
resistance of less than 0.25
Ω to minimize the event of chatter during the enabling/disabling of the
regulator.
If the V
CC pin is within a few inches of the main input filter, a capacitor may not be necessary. Otherwise
an input filter capacitor in the range of 1µF to 10µF will help to lower the effective source impedance.
2 - 3
V
AUX
V
AUX is the auxiliary power source. When selected, (VCC < VCCDES), the auxiliary supply is directly
connected to V
OUT, via the low impedance (0.3Ω typically) fully integrated switch.
The internal loading on this pin is typically less than 10µA and will increase to 100µA if V
CC falls below
the voltage on V
AUX.
When V
AUX = 0V, the VCCDES voltage is inhibited which prevents the regulator from being disabled.
4
GND
GND is the negative reference for all voltages. The current that flows in the ground connection is very
low (typically 0.6mA) and has minimal variation over all load conditions.
5
NC
NC is an unconnected pin which is electrically isolated from the internal circuitry
6 - 7
V
OUT
V
OUT is the regulator output voltage connection used to power the load. An output capacitor of 4.7µF is
used to provide the necessary phase compensation, thereby preventing oscillation. The capacitor also
helps to minimize the peak output disturbance during power supply changeover.
8
DRIVE
DRIVE is a CMOS output logic signal (Active Low) referenced to the V
CC supply. This output is taken low
whenever the internal regulator is not enabled. This output is intended only as a control signal for
external circuitry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com