Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPWR101 Datasheet(PDF) 5 Page - ON Semiconductor

Part # CMPWR101
Description  250mA SmartORTM Regulator with VAUX Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CMPWR101 Datasheet(HTML) 5 Page - ON Semiconductor

  CMPWR101 Datasheet HTML 1Page - ON Semiconductor CMPWR101 Datasheet HTML 2Page - ON Semiconductor CMPWR101 Datasheet HTML 3Page - ON Semiconductor CMPWR101 Datasheet HTML 4Page - ON Semiconductor CMPWR101 Datasheet HTML 5Page - ON Semiconductor CMPWR101 Datasheet HTML 6Page - ON Semiconductor CMPWR101 Datasheet HTML 7Page - ON Semiconductor CMPWR101 Datasheet HTML 8Page - ON Semiconductor CMPWR101 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
CMPWR101
Rev. 3 | Page 5 of 12 | www.onsemi.com
ELECTRICAL OPERATING CHARACTERISTICS
(SEE NOTE 1)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
V
OUT
Regulator Output Voltage
0mA < I
LOAD < 250mA
3.135
3.300
3.465
V
I
LIM
Regulator Current Limit
275
mA
V
CCSEL
V
CC Select Voltage
Regulator enabled
4.30
4.45
V
V
CCDES
V
CC Deselect Voltage
Regulator disabled
3.90
4.10
V
V
CCHYST
Hysteresis Voltage
See Note 2
0.20
V
V
R LOAD
Load Regulation
V
CC=5V, 5mA < ILOAD < 250mA
20
mV
V
R LINE
Line Regulation
xx
I
LOAD = 5mA; 4.5V < VCC < to 5.5V
2
mV
R
SW
V
AUX Switch Resistance
V
CCDES > VCC, VAUX = 3.3V
0.25
0.40
Ω
I
RCC
V
CC Reverse Leakage
V
AUX = 3.3V, VCC = 0V
2
50
μA
I
RAUX
V
AUX Reverse Leakage
V
AUX = 0V, VCC = 5V
2
50
μA
I
GND
Ground Current
V
CC < VCCDES, ILOAD = 0mA
V
CC > VCCSEL, ILOAD = 0mA
V
CC > VCCSEL, ILOAD = 250mA
0.20
0.60
0.70
0.40
1.00
1.20
mA
mA
mA
I
AUX
V
AUX Supply Current
V
AUX > VCC
V
CC > VAUX
0.20
0.02
0.40
0.10
mA
mA
R
OH
DRIVE Pull-up Resistance
R
PULLUP to VCC, VCC > VCCSEL
4.0
8.0
k
Ω
R
OL
DRIVE Pull-down Resistance
R
PULLDOWN to GND, VCCDES > VCC
0.1
0.4
k
Ω
Note 1: Operating Characteristics are over Standard Operating Conditions unless otherwise specified.
Note 2: The hysteresis defines the maximum level of acceptable disturbance on V
CC during switching. It is recommended
that the V
CC source impedance
be kept below 0.25
Ω to ensure the switching disturbance remains below the
hysteresis during select/deselect transitions. An input capacitor may be required to help minimize the switching
transient.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com