Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPWR101 Datasheet(PDF) 9 Page - ON Semiconductor

Part # CMPWR101
Description  250mA SmartORTM Regulator with VAUX Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CMPWR101 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button CMPWR101 Datasheet HTML 4Page - ON Semiconductor CMPWR101 Datasheet HTML 5Page - ON Semiconductor CMPWR101 Datasheet HTML 6Page - ON Semiconductor CMPWR101 Datasheet HTML 7Page - ON Semiconductor CMPWR101 Datasheet HTML 8Page - ON Semiconductor CMPWR101 Datasheet HTML 9Page - ON Semiconductor CMPWR101 Datasheet HTML 10Page - ON Semiconductor CMPWR101 Datasheet HTML 11Page - ON Semiconductor CMPWR101 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
CMPWR101
Rev. 3 | Page 9 of 12 | www.onsemi.com
Performance Information (cont’d)
CMPWR101 Typical Thermal Characteristics
The overall junction to ambient thermal resistance (
θ
JA) for device power dissipation (PD) consists primarily
of two paths in series. The first path is the junction to the case (
θ
JC) which is defined by the package style,
and the second path is case to ambient (
θ
CA) thermal resistance which is dependent on board layout. The
final operating junction temperature for any set of conditions can be estimated by the following thermal
equation:
T
JUNC
= T
AMB + PD (θJC) + PD (θCA)
= T
AMB + PD (θJA)
The CMPWR101 uses a standard SOIC package. When this package is mounted on a double-sided
printed circuit board with two square inches of copper allocated for "heat spreading", the resulting
θJA is
85°C/W.
Based on a maximum power dissipation of 0.43W (1.7V x 250mA) with an ambient of 70°C, the resulting
junction temperature will be:
T
JUNC = TAMB + PD (θJA)
= 70°C + 0.43W (80°C/W)
= 70°C + 37°C = 103°C
Thermal characteristics were measured using a double-sided board with two square inches of copper area
connected to the GND pin for "heat spreading".
Measurements showing performance up to junction temperature of 125°C were performed under light
load conditions (5mA). This allows the ambient temperature to be representative of the internal junction
temperature.
Note: The use of multi-layer board construction with separate ground and power planes will further
enhance the overall thermal performance. In the event of no copper area being dedicated for heat
spreading, a multi-layer board construction, using only the minimum size pad layout, will provide the
CMPWR101 with an overall
θ
JA of 100°C/W which allows up to 500mW to be safely dissipated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com