Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPWR101 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CMPWR101
Description  250mA SmartORTM Regulator with VAUX Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CMPWR101 Datasheet(HTML) 1 Page - ON Semiconductor

  CMPWR101 Datasheet HTML 1Page - ON Semiconductor CMPWR101 Datasheet HTML 2Page - ON Semiconductor CMPWR101 Datasheet HTML 3Page - ON Semiconductor CMPWR101 Datasheet HTML 4Page - ON Semiconductor CMPWR101 Datasheet HTML 5Page - ON Semiconductor CMPWR101 Datasheet HTML 6Page - ON Semiconductor CMPWR101 Datasheet HTML 7Page - ON Semiconductor CMPWR101 Datasheet HTML 8Page - ON Semiconductor CMPWR101 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
250mA SmartORTM Regulator
with VAUX Switch
CMPWR101
©2010 SCILLC. All rights reserved.
Publication Order Number:
June 2010 Rev. 3
CMPWR101/D
Features
•
Automatic detection of V
CC input supply
•
Glitch-free output during supply transitions
•
Built-in hysteresis during supply selection
•
250mA output maximum load current
•
Fully integrated V
AUX switch
•
Overload current protection
•
Short circuit current protection
•
Operates from either V
CC or VAUX
•
8-pin SOIC package
•
RoHS compliant (lead-free) finishing
Applications
•
PCI adapter cards
•
Network Interface Cards (NICs)
•
Dual power systems
•
Systems with standby capabilities
Product Description
The California Micro Devices’ SmartOR
TM
CMPWR101 is a low dropout regulator that delivers up to
250mA of load current at a fixed 3.3V output. An internal threshold level (typically 4.1V) is used to prevent
the regulator from being operated below dropout voltage. The device continuously monitors the input
supply and will automatically disable the regulator when V
CC falls below the threshold level. When the
regulator is disabled, a low impedance, fully integrated switch is enabled which allows the output to be
directly powered from an auxiliary 3.3V supply.
When V
CC is restored to a level above the select threshold, the low impedance switch is disabled and the
regulator is once again enabled.
All the necessary control circuitry needed to provide a smooth and automatic transition between the
supplies has been incorporated. This allows V
CC to be dynamically switched without loss of output voltage.
An output logic signal, DRIVE, is active LOW whenever the internal regulator is disabled.
The CMPWR101 is housed in a 8-pin SOIC package and is available with RoHS compliant lead-free
finishing.


Similar Part No. - CMPWR101

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CMPWR101 CALMIRCO-CMPWR101 Datasheet
97Kb / 6P
250mA SMARTOR Regulator with V switch
CMPWR101S CALMIRCO-CMPWR101S Datasheet
97Kb / 6P
250mA SMARTOR Regulator with V switch
CMPWR101SR CALMIRCO-CMPWR101SR Datasheet
97Kb / 6P
250mA SMARTOR Regulator with V switch
CMPWR101ST CALMIRCO-CMPWR101ST Datasheet
97Kb / 6P
250mA SMARTOR Regulator with V switch
More results

Similar Description - CMPWR101

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CMPWR101 CALMIRCO-CMPWR101 Datasheet
97Kb / 6P
250mA SMARTOR Regulator with V switch
CMPWR280 CALMIRCO-CMPWR280 Datasheet
242Kb / 10P
1.5A SMARTOR Dual Regulator with Vaux Drive
logo
Advanced Analogic Techn...
AAT1204 ANALOGICTECH-AAT1204 Datasheet
213Kb / 13P
400-mA MULTI-INPUT LOW-DROPOUT REGULATOR WITH VAUX SWITCH
logo
California Micro Device...
CM3103 CALMIRCO-CM3103 Datasheet
174Kb / 10P
400mA SMARTOR REGULATOR Vaux SWITCH
logo
Mitsumi Electronics, Co...
MM312 MITSUMI-MM312 Datasheet
74Kb / 2P
250mA CMOS Regulator
logo
Analog Intergrations Co...
AIC1532 AIC-AIC1532 Datasheet
59Kb / 4P
500mA DUAL REGULATOR WITH VAUX DRIVE
logo
Advanced Analog Technol...
AAT1204 AAT-AAT1204 Datasheet
213Kb / 13P
400-mA MULTI-INPUT LOW-DROPOUT REGULATOR WITH VAUX SWITCH
V 1.0
logo
Silicon Standard Corp.
SS6532 SSC-SS6532 Datasheet
639Kb / 9P
500mA Dual Linear Regulator with VAUX Driver
logo
ON Semiconductor
CMPWR330 ONSEMI-CMPWR330 Datasheet
162Kb / 13P
400mA SmartOR Regulator with VAUX Switch
June 2010 Rev. 3
logo
Orister Corporation
RS7200 ORISTER-RS7200 Datasheet
422Kb / 7P
250mA Linear Regulator with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com