Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPWR101 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CMPWR101
Description  250mA SmartORTM Regulator with VAUX Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CMPWR101 Datasheet(HTML) 3 Page - ON Semiconductor

  CMPWR101 Datasheet HTML 1Page - ON Semiconductor CMPWR101 Datasheet HTML 2Page - ON Semiconductor CMPWR101 Datasheet HTML 3Page - ON Semiconductor CMPWR101 Datasheet HTML 4Page - ON Semiconductor CMPWR101 Datasheet HTML 5Page - ON Semiconductor CMPWR101 Datasheet HTML 6Page - ON Semiconductor CMPWR101 Datasheet HTML 7Page - ON Semiconductor CMPWR101 Datasheet HTML 8Page - ON Semiconductor CMPWR101 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CMPWR101
Rev. 3 | Page 3 of 12 | www.onsemi.com
8-pin SOIC
1
2
3
4
8
7
6
5
VCC
VAUX
VAUX
GND
DRIVE
VOUT
VOUT
NC
Ordering Information
PART NUMBERING INFORMATION
Pins
Package
Ordering Part Number
1
Part Marking
8
Power SOIC
CMPWR101R
CMPWR 101R
Note 1: Parts are shipped in Tape & Reel form unless otherwise specified.
Specifications
ABSOLUTE MAXIMUM RATINGS
PARAMETER
RATING
UNITS
ESD Protection (HBM)
+2000
V
Pin Input Voltages
V
CC
V
AUX
DRIVE
[GND - 0.5] to +6.0
[GND - 0.5] to +4.0
[GND - 0.5] to [V
CC + 0.5]
V
V
Storage Temperature Range
-40 to +150
°C
Operating Temperature Range
Ambient
Junction
0 to +70
0 to +125
°C
°C
Power Dissipation (See Note 1)
0.5
W
Note 1: The power rating is based on a printed circuit board heat spreading capability equivalent to 2 square inches of
copper connected to the GND pins. Typical multi-layer boards using power plane construction will provide this
heat spreading ability without the need for additional dedicated copper area. (Please consult with factory for
thermal evaluation assistance).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com