Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPWR280 Datasheet (PDF) - ON Semiconductor

CMPWR280 Datasheet PDF - ON Semiconductor
Part # CMPWR280
Download  CMPWR280 Download
File Size   514.32 Kbytes
Page   11 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Dual Input SmartOR POWER Switch

CMPWR280 Datasheet (PDF)

Go To PDF Page Download Datasheet
CMPWR280 Datasheet PDF - ON Semiconductor

Part # CMPWR280
Download  CMPWR280 Click to download

File Size   514.32 Kbytes
Page   11 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Dual Input SmartOR POWER Switch

CMPWR280 Datasheet (HTML) - ON Semiconductor


CMPWR280 Product details

Product Description
The California Micro Devices SmartOR™ CMPWR280 is a fully protected Dual-Input low dropout CMOS regulator that also provides the necessary control signal for driving an external auxiliary Pchannel MOSFET switch. The SmartORTM device automatically selects one of three possible inputs on a priority basis: VCC (1.5A), VSBY (375mA) or VAUX via the drive signal used to control an external switch.

Features
• Automatic selection of VCC or VSBY
• Drive control signal for external VAUX switch
• Continuous 3.3V output supply
• Glitch-free output during supply transitions
• Built-in hysteresis for supply selection
• VCC regulates up to 1.5A output current
• VSBY regulates up to 375mA output current
• Foldback current limiting
• Thermal shutdown with hysteresis
• On-chip controller operates from VCC, VSBY or VOUT

Applications
• Peripheral Component Interface (PCI) Adapter Cards
• Network Interface Cards (NIC’s)
• Multiple Powered Systems
• Systems with Standby Capabilities




Similar Part No. - CMPWR280

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CMPWR280 CALMIRCO-CMPWR280 Datasheet
242Kb / 10P
1.5A SMARTOR Dual Regulator with Vaux Drive
CMPWR280TO CALMIRCO-CMPWR280TO Datasheet
242Kb / 10P
1.5A SMARTOR Dual Regulator with Vaux Drive
More results


Similar Description - CMPWR280

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CMPWR025 CALMIRCO-CMPWR025 Datasheet
90Kb / 7P
Dual Input SmartOR Power Switch
CMPWR101 CALMIRCO-CMPWR101 Datasheet
97Kb / 6P
250mA SMARTOR Regulator with V switch
CMPWR150 CALMIRCO-CMPWR150 Datasheet
486Kb / 8P
500mA/3.3V SMARTOR Power Regulator
CMPWR280 CALMIRCO-CMPWR280 Datasheet
242Kb / 10P
1.5A SMARTOR Dual Regulator with Vaux Drive
CMPWR300 CALMIRCO-CMPWR300 Datasheet
365Kb / 11P
500mA SMARTOR Dual Regulator with V switch?
CMPWR330 CALMIRCO-CMPWR330 Datasheet
132Kb / 8P
400mA SMARTOR Dual Regulator with V switch?
CM3103 CALMIRCO-CM3103 Datasheet
174Kb / 10P
400mA SMARTOR REGULATOR Vaux SWITCH
logo
ON Semiconductor
CMPWR150 ONSEMI-CMPWR150 Datasheet
148Kb / 15P
500mA/3.3V SmartOR Power Regulator
June 2010 Rev. 3
CMPWR330 ONSEMI-CMPWR330 Datasheet
162Kb / 13P
400mA SmartOR Regulator with VAUX Switch
June 2010 Rev. 3
CMPWR025 ONSEMI-CMPWR025 Datasheet
366Kb / 8P
Dual Input Smart Power Switch
April, 2011 ??Rev. 4
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com