Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPWR280 Datasheet(PDF) 5 Page - ON Semiconductor

Part # CMPWR280
Description  Dual Input SmartOR POWER Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CMPWR280 Datasheet(HTML) 5 Page - ON Semiconductor

  CMPWR280 Datasheet HTML 1Page - ON Semiconductor CMPWR280 Datasheet HTML 2Page - ON Semiconductor CMPWR280 Datasheet HTML 3Page - ON Semiconductor CMPWR280 Datasheet HTML 4Page - ON Semiconductor CMPWR280 Datasheet HTML 5Page - ON Semiconductor CMPWR280 Datasheet HTML 6Page - ON Semiconductor CMPWR280 Datasheet HTML 7Page - ON Semiconductor CMPWR280 Datasheet HTML 8Page - ON Semiconductor CMPWR280 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
CMPWR280
http://onsemi.com
5
TYPICAL DC CHARACTERISTICS
Unless stated otherwise, all DC characteristics were
measured at room temperature with a nominal VCC supply
voltage of 5.0 V and an output capacitance of 10
mF.
VCC Line Regulation, as shown in V, is measured while
forcing the deselect threshold to an artificial low level for
loads of 100 mA, 500 mA and 1.5 A. At the maximum rated
load of 1.5 A, a drop in line regulation occurs when the VCC
supply voltage drops below 3.8 V. For light load conditions
(100 mA), regulation is maintained as low as 3.2 V
Figure 1. VCC Line Regulation
VCC Load Regulation (pulse condition) performance is
shown up to and beyond the rated load. A change in load
from 10% to 100% of rated current (150 mA to 1500 mA)
results in an output voltage change of about 20 mV. This
translates into an effective output impedance of less than
15 M
W.
Figure 2. VCC Load Regulation
VSBY Load Regulation (pulse condition) performance
is shown up to and beyond the rated load. A change in load
from 10% to 100% of rated (50 mA to 500 mA) results in an
output voltage change of about 20 mV. This translates into
an effective output impedance of less than 50 M
W.
Figure 3. VSBY Load Regulation
Ground Current is shown across the entire range of load
conditions in Ground Current. The ground current of 2 mA
has minimal variation across the range of load conditions
and shows only a slight increase at maximum load. This
slight increase at rated load is due to the current limit
protection circuitry becoming active.
Figure 4. Ground Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com