Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPWR280 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CMPWR280
Description  Dual Input SmartOR POWER Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CMPWR280 Datasheet(HTML) 4 Page - ON Semiconductor

  CMPWR280 Datasheet HTML 1Page - ON Semiconductor CMPWR280 Datasheet HTML 2Page - ON Semiconductor CMPWR280 Datasheet HTML 3Page - ON Semiconductor CMPWR280 Datasheet HTML 4Page - ON Semiconductor CMPWR280 Datasheet HTML 5Page - ON Semiconductor CMPWR280 Datasheet HTML 6Page - ON Semiconductor CMPWR280 Datasheet HTML 7Page - ON Semiconductor CMPWR280 Datasheet HTML 8Page - ON Semiconductor CMPWR280 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
CMPWR280
http://onsemi.com
4
SPECIFICATIONS (Cont’d)
Table 3. ABSOLUTE MAXIMUM RATINGS
Parameter
Rating
Units
ESD Protection (HBM)
2000
V
Pin Voltages
VCC, VSBY ,VOUT
DRIVE
[GND − 0.5] to [+6.0]
[GND − 0.5] to [VCC (VSBY) + 0.5]
V
Storage Temperature Range
−40 to +150
C
Operating Temperature Range
Ambient
Junction
0 to +70
0 to +125
C
Power Dissipation
TO−263 (Note 1)
Internally Limited
W
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. The maximum power dissipation of this device is internally limited by thermal shutdown circuitry. To achieve a power dissipation of 3.0 watts,
a case−to−ambient thermal resistance of 25C/W must be provided. This will typically require dedicated heatsinking ability of the printed
circuit board. For more details, please see the Typical Thermal Characteristics section.
Table 4. ELECTRICAL OPERATING CHARACTERISTICS (Note 2)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VOUT
Regulator Output Voltage
0 mA < ILOAD < 1500 mA (VCC)
0 mA < ILOAD < 375 mA (VSBY)
3.135
3.300
3.465
V
VCCSEL
Select Voltage
VCC Regulator Enabled
4.50
4.70
V
VCCDES
VCC Deselect Voltage
VCC Regulator Disabled
3.90
4.10
V
VCCHYST
Hysteresis Voltage
VCC Hysteresis (Note 3)
0.40
V
IOUT
Regulator Output Current
VCC Selected
VSBY Selected
1500
375
2500
750
mA
ISC
Short−circuit Output Current
VCC Selected
VSBY Selected
800
200
mA
IRCC
VCC Pin Reverse Leakage
VSBY = 5.0 V, VCC = 0 V
10
100
mA
IRSBY
VSBY Pin Reverse Leakage
VSBY = 0 V, VCC = 5.0 V
10
100
mA
VR LOAD
VCC Load Regulation
VCC Selected, ILOAD = 15 mA to 1500 mA
30
mV
VSBY Load Regulation
VSBY Selected, ILOAD = 5 mA to 375 mA
30
VR LINE
Line Regulation
VCC = 4.5 to 5.5 V, ILOAD = 5 mA
5
mV
ICC
VCC Supply Current
VCC Selected, IOUT = 0 mA
VCCDES > VCC > VAUX or VOUT
1.5
0.1
3.0
0.2
mA
ISBY
VSBY Supply Current
VSBY Selected, IOUT = 0 mA
1.5
3.0
mA
IGND
Ground Pin Current (Note 4)
Regulator Disabled (only VOUT Present)
Regulator Selected, ILOAD = 5 mA
Regulator Selected = 5 V, ILOAD = 500 mA
0.2
1.5
1.8
0.3
3.0
3.5
mA
ROH
Drive RDS High
RDS to VCC, VCC > VCCSEL
5
10
kW
ROL
Drive RDS Low
RDS to GND, VCCDES > VCC
0.5
1.0
kW
tDH
Drive High Delay
CDRIVE = 1 nF, VCC tRISE < 100 ns
5.0
ms
tDL
Drive Low Delay
CDRIVE = 1 nF, VCC tFALL < 100 ns
0.5
ms
TDISABLE
Shutdown Temperature
165
C
THYST
Thermal Hysteresis
30
C
2. Operating Characteristics are over Standard Operating Conditions unless otherwise specified.
3. The hysteresis defines the maximum level of acceptable disturbance on VCC during switching. It is recommended that the VCC source
impedance be kept below 0.15 W to ensure the switching disturbance remains below the hysteresis during select/deselect transitions.
4. Ground pin current consists of controller current (0.2 mA) and regulator current when selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com