Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPWR280 Datasheet(PDF) 6 Page - ON Semiconductor

Part # CMPWR280
Description  Dual Input SmartOR POWER Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CMPWR280 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button CMPWR280 Datasheet HTML 2Page - ON Semiconductor CMPWR280 Datasheet HTML 3Page - ON Semiconductor CMPWR280 Datasheet HTML 4Page - ON Semiconductor CMPWR280 Datasheet HTML 5Page - ON Semiconductor CMPWR280 Datasheet HTML 6Page - ON Semiconductor CMPWR280 Datasheet HTML 7Page - ON Semiconductor CMPWR280 Datasheet HTML 8Page - ON Semiconductor CMPWR280 Datasheet HTML 9Page - ON Semiconductor CMPWR280 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
CMPWR280
http://onsemi.com
6
VCC Supply Current of the device is shown across the
entire VCC range in V.
In the absence of VAUX, the supply current remains fixed
at approximately 0.15 mA until VCC reaches the Select
voltage threshold of 4.35 V. At this point the regulator is
enabled and a supply current of 1.0 mA is conducted.
When VAUX is present, the VCC supply current is less than
10
mA until VCC exceeds VAUX, at which point VCC then
powers the controller (0.15 mA). When VCC reaches
VSELECT, the regulator is enabled.
Figure 5. VCC Supply Current (No Load)
TYPICAL TRANSIENT CHARACTERISTICS
The transient characterization test set−up shown in
Transient Performance Test Set−up includes the effective
source impedance of the VCC supply (RS). This was
measured to be approximately 0.1
W. It is recommended that
this effective source impedance be no greater than 0.15
W to
ensure precise switching is maintained during VCC selection
and deselection.
Both the rise and fall times during VCC power−up/down
sequencing were controlled at a 10 millisecond duration.
This is considered to represent worst case conditions for
most application circuits.
During a selection or deselection transition, the DC load
current is switching from VAUX to VCC and vice versa. In
addition to the normal load current, there may also be an
in−rush current for charging/discharging the load capacitor.
The total current pulse being applied to either VAUX or
VCC is equal to the sum of the DC load and the
corresponding in−rush current. Transient currents in excess
of 1.0 amps can readily occur for brief intervals when either
supply commences to power the load.
VOUT
VSBY
VCC
GND
VOUT
0.1 mF10 mF
Load
2.2 W
PWR280
VCC
5 V
TR=20ms
TF=20ms
VSBY
5 V
Figure 6. Transient Characterization Test Set−up
+
+
+
−
+
Drive
+
−
VAUX
3.3 V
FDN338P
(Si2310DS)
0.1 mF1 mF
0.1 W
+
−
0.1 W
0.1 mF1 mF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com