Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPWR280 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CMPWR280
Description  Dual Input SmartOR POWER Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CMPWR280 Datasheet(HTML) 1 Page - ON Semiconductor

  CMPWR280 Datasheet HTML 1Page - ON Semiconductor CMPWR280 Datasheet HTML 2Page - ON Semiconductor CMPWR280 Datasheet HTML 3Page - ON Semiconductor CMPWR280 Datasheet HTML 4Page - ON Semiconductor CMPWR280 Datasheet HTML 5Page - ON Semiconductor CMPWR280 Datasheet HTML 6Page - ON Semiconductor CMPWR280 Datasheet HTML 7Page - ON Semiconductor CMPWR280 Datasheet HTML 8Page - ON Semiconductor CMPWR280 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
 Semiconductor Components Industries, LLC, 2011
April, 2011 − Rev. 3
1
Publication Order Number:
CMPWR280/D
CMPWR280
Dual Input SmartORt Power
Switch
Product Description
The ON Semiconductor’s SmartOR
t CMPWR280 is a fully
protected Dual−Input low−dropout CMOS regulator that also provides
the necessary control signal for driving an external auxiliary
P−channel MOSFET switch. The SmartOR
t device automatically
selects one of three possible inputs on a priority basis: VCC (1.5 A),
VSBY (375 mA) or VAUX via the drive signal used to control an
external switch.
VCC is given first priority. In the event of the VCC supply being
powered down, the device will automatically deselect the VCC prior to
regulator dropout and immediately select VSBY (second priority) as its
power source.
If neither VCC nor VSBY are present the drive control output will
turn−on an external P−channel MOSFET switch from an auxiliary
3.3 V supply VAUX to VOUT.
All the necessary control circuitry needed to provide a smooth and
automatic transition between all three supplies has been incorporated.
This allows VCC to be dynamically switched without loss of output
voltage.
The CMPWR280 is internally protected against output
short−circuits, current overload and thermal overload.
The CMPWR280 is housed in a standard, 5−lead TO−263 package
and is available with optional lead−free finishing.
Features
Selects from 3 Input Voltages and Provides 3.3 V Output
Automatic Selection of VCC, VSBY or VAUX
Drive Control Signal for External VAUX Switch
Glitch−Free 3.3 V Output During Supply Transitions
Built−In Hysteresis for Supply Selection
VCC Regulates Up to 1.5 A Output Current
VSBY Regulates Up to 375 mA Output Current
Foldback Current Limiting
Thermal Shutdown with Hysteresis
Standard 5−lead TO−263 Package
These Devices are Pb−Free and are RoHS Compliant
Applications
Peripheral Component Interface (PCI) Adapter Cards
Network Interface Cards (NICs)
Multiple Powered Systems
Systems with Standby Capabilities
MARKING DIAGRAM
Device
Package
Shipping
ORDERING INFORMATION
http://onsemi.com
CMPWR280TO
TO−263
(Pb−Free)
750/Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
TO−263
TO/TN SUFFIX
CASE 418AH
CMPWR280TN
TO−263
(Pb−Free)
750/Tape & Reel
CMPWR280 = Specific Device Code
XX
= TO/TN
A
= Assembly Location
WL
= Wafer Lot
Y
= Year
WW
= Work Week
G
= Pb−Free Package
CMPWR280XX
AWLYWWG
1


Similar Part No. - CMPWR280

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CMPWR280 CALMIRCO-CMPWR280 Datasheet
242Kb / 10P
1.5A SMARTOR Dual Regulator with Vaux Drive
CMPWR280TO CALMIRCO-CMPWR280TO Datasheet
242Kb / 10P
1.5A SMARTOR Dual Regulator with Vaux Drive
More results

Similar Description - CMPWR280

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CMPWR025 CALMIRCO-CMPWR025 Datasheet
90Kb / 7P
Dual Input SmartOR Power Switch
CMPWR101 CALMIRCO-CMPWR101 Datasheet
97Kb / 6P
250mA SMARTOR Regulator with V switch
CMPWR150 CALMIRCO-CMPWR150 Datasheet
486Kb / 8P
500mA/3.3V SMARTOR Power Regulator
CMPWR280 CALMIRCO-CMPWR280 Datasheet
242Kb / 10P
1.5A SMARTOR Dual Regulator with Vaux Drive
CMPWR300 CALMIRCO-CMPWR300 Datasheet
365Kb / 11P
500mA SMARTOR Dual Regulator with V switch?
CMPWR330 CALMIRCO-CMPWR330 Datasheet
132Kb / 8P
400mA SMARTOR Dual Regulator with V switch?
CM3103 CALMIRCO-CM3103 Datasheet
174Kb / 10P
400mA SMARTOR REGULATOR Vaux SWITCH
logo
ON Semiconductor
CMPWR150 ONSEMI-CMPWR150 Datasheet
148Kb / 15P
500mA/3.3V SmartOR Power Regulator
June 2010 Rev. 3
CMPWR330 ONSEMI-CMPWR330 Datasheet
162Kb / 13P
400mA SmartOR Regulator with VAUX Switch
June 2010 Rev. 3
CMPWR025 ONSEMI-CMPWR025 Datasheet
366Kb / 8P
Dual Input Smart Power Switch
April, 2011 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com