Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPWR280 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CMPWR280
Description  Dual Input SmartOR POWER Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CMPWR280 Datasheet(HTML) 3 Page - ON Semiconductor

  CMPWR280 Datasheet HTML 1Page - ON Semiconductor CMPWR280 Datasheet HTML 2Page - ON Semiconductor CMPWR280 Datasheet HTML 3Page - ON Semiconductor CMPWR280 Datasheet HTML 4Page - ON Semiconductor CMPWR280 Datasheet HTML 5Page - ON Semiconductor CMPWR280 Datasheet HTML 6Page - ON Semiconductor CMPWR280 Datasheet HTML 7Page - ON Semiconductor CMPWR280 Datasheet HTML 8Page - ON Semiconductor CMPWR280 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
CMPWR280
http://onsemi.com
3
PACKAGE / PINOUT DIAGRAM
Top View
5−Pin TO−263
CMPWR280TO/TN
1
2
3
4
VOUT
DRIVE
VSBY
VCC
GND
5
Table 1. PIN DESCRIPTIONS
Pin(s)
Name
Description
1
VSBY
VSBY is the standby 5 V supply power source, which is only selected on when VCC < VCCDES. If VSBY is
selected, the regulator can deliver a maximum of 375 mA load current. Whenever VSBY exceeds both VCC
and VOUT, it will be used to provide all the internal bias currents and any necessary regulator current.
2
VCC
VCC is the primary 5 V power supply for the internal regulator. Whenever VCC exceeds VCCSEL (4.5 V), the
internal regulator (up to 1500 mA) will be enabled and deliver a fixed 3.3 V at VOUT. When VCC falls below
VCCDES (4.1 V typically) the regulator will be disabled.
Internal loading on this pin is typically 1.5 mA when the regulator is enabled, which reduces to 0.2 mA
whenever the regulator is disabled. If VCC falls below either the VSBY or VOUT voltage, the loading on VCC will
reduce to only a few microamperes.
During a VCC power up sequence, there will be an effective step increase in VCC line current when the
regulator is enabled. The amplitude of this step increase will depend on the dc load current and any current
required for charging/discharging the load capacitance. This line current transient will cause a voltage
disturbance at the VCC pin proportional to the effective power supply source impedance being delivered to the
VCC input.
To prevent chatter during Select and Deselect transitions, a built−in hysteresis voltage of 400 mV has been
incorporated. It is recommended that the power supply connected to the VCC input should have a source
impedance of less than 0.15 W to minimize the chatter during the enabling/disabling of the regulator.
3
GND
GND is the negative reference for all voltages. The current that flows in the ground connection is very low
(typically 2.0 mA) and has minimal variation over all load conditions.
4
VOUT
VOUT is the regulator output voltage connection used to power the load. An output capacitor of ten
microfarads is used to provide the necessary phase compensation, thereby preventing oscillation. The
capacitor also helps to minimize the peak output disturbance during power supply changeover.
When both VCC and VSBY falls below VOUT, then VOUT will be used to provide the necessary quiescent
current for the internal reference circuits. This ensures excellent start−up characteristics for the regulator.
5
DRIVE
Drive is an active LOW logic output intended to be used as the control signal for driving an external
P−channel MOSFET switch whenever the regulator is disabled. This will allow the voltage at VOUT to be
powered from an auxiliary supply voltage (3.3 V).
The Drive pin is pulled HIGH to VCC whenever the regulator is enabled, thus ensuring that the auxiliary supply
remains isolated during normal regulator operation.
SPECIFICATIONS
Table 2. STANDARD OPERATING CONDITIONS
Parameter
Rating
Units
VCC, VSBY Input Voltage
4.75 to 5.25
V
Ambient Operating Temperature Range
0 to +70
C
CEXT
10 10%
mF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com