Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPWR280 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CMPWR280
Description  Dual Input SmartOR POWER Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CMPWR280 Datasheet(HTML) 2 Page - ON Semiconductor

  CMPWR280 Datasheet HTML 1Page - ON Semiconductor CMPWR280 Datasheet HTML 2Page - ON Semiconductor CMPWR280 Datasheet HTML 3Page - ON Semiconductor CMPWR280 Datasheet HTML 4Page - ON Semiconductor CMPWR280 Datasheet HTML 5Page - ON Semiconductor CMPWR280 Datasheet HTML 6Page - ON Semiconductor CMPWR280 Datasheet HTML 7Page - ON Semiconductor CMPWR280 Datasheet HTML 8Page - ON Semiconductor CMPWR280 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
CMPWR280
http://onsemi.com
2
TYPICAL APPLICATION CIRCUIT
VSBY
CMPWR280
SIMPLIFIED ELECTRICAL SCHEMATIC
GND
Drive
VOUT
VOUT
3.3 V
400 mA
COUT
10 mF
VOUT
GND
CIN1
1 mF
FDN338P
(Si2310DS)
3.3 V
5 V
VAUX
-
+
-
+
VCC
VDeselect
4.1 V
VREF
3.3 V
Regulator Amp
+
VCC
+
CIN2
1 mF
+
5 V
VSBY
VCC
GND
Drive
+
VSBY
SWAUX
375 mA
1.5 A
VCC/SBY
ENABLE
CC
SBY
Controller
1.5 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com