Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPWR025 Datasheet (PDF) - ON Semiconductor

CMPWR025 Datasheet PDF - ON Semiconductor
Part # CMPWR025
Download  CMPWR025 Download
File Size   366.47 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Dual Input Smart Power Switch

CMPWR025 Datasheet (PDF)

Go To PDF Page Download Datasheet
CMPWR025 Datasheet PDF - ON Semiconductor

Part # CMPWR025
Download  CMPWR025 Click to download

File Size   366.47 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Dual Input Smart Power Switch

CMPWR025 Datasheet (HTML) - ON Semiconductor


CMPWR025 Product details

PRODUCT DESCRIPTION
California Micro Devices’ SmartOR™ CMPWR025 is a dual input power switch that selects between two different power inputs and delivers it to one output. The device integrates two very low impedance power switches and automatically implements an OR function that selects the higher of the two inputs. A hysteresis is built in (and is user selectable) to prevent switch chatter.

FEATURES
• Automatically selects VCC1 OR VCC2 input source
• Integrated low impedance switches (0.2Ω TYP)
• Operating supply range from 2.8V to 5.5V
• Glitch-free output during supply switching transitions
• Low operating supply current of 20µA (TYP)
• User-selectable hysteresis for supply selection
• 8-pin SOIC Narrow or 8-pin MSOP packages

APPLICATIONS
• PCI cards for Wake-On-LAN/Wake-On-Ring
• Dual power systems
• Systems with standby capabilities
• Battery backup systems
• See Application Note AP211




Similar Part No. - CMPWR025

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CMPWR025 CALMIRCO-CMPWR025 Datasheet
90Kb / 7P
Dual Input SmartOR Power Switch
More results


Similar Description - CMPWR025

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC17131 TI-UC17131 Datasheet
90Kb / 10P
Smart Power Switch
logo
Semtech Corporation
SC1543 SEMTECH-SC1543 Datasheet
56Kb / 5P
400mA/200mA Dual 3.3V Smart Power Switch
logo
Infineon Technologies A...
BTS3408G INFINEON-BTS3408G Datasheet
366Kb / 16P
Smart Dual Lowside Power Switch
V1.0 2002-11-14
BTS3410G INFINEON-BTS3410G Datasheet
320Kb / 11P
Smart Dual Lowside Power Switch
2004-03-05
logo
Texas Instruments
UC37132N TI1-UC37132N Datasheet
121Kb / 13P
Smart Power Switch
logo
Infineon Technologies A...
BTT6030-2EKA INFINEON-BTT6030-2EKA_15 Datasheet
2Mb / 54P
Smart High-Side Power Switch Dual Channel
Rev. 1.1, 2015-03-04
logo
Texas Instruments
TPS2H160-Q1 TI1-TPS2H160-Q1 Datasheet
158Kb / 6P
Dual Channels Smart High-Side Power Switch
TPS2H000-Q1 TI1-TPS2H000-Q1 Datasheet
153Kb / 6P
Dual Channels Smart High-Side Power Switch
UC17131 TI-UC17131_V01 Datasheet
145Kb / 12P
Smart Power Switch
logo
Maxim Integrated Produc...
MAX8934A MAXIM-MAX8934A_V01 Datasheet
1Mb / 32P
Dual-Input Linear Chargers, Smart Power Selector
2014
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com