Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPWR025 Datasheet(PDF) 6 Page - ON Semiconductor

Part # CMPWR025
Description  Dual Input Smart Power Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CMPWR025 Datasheet(HTML) 6 Page - ON Semiconductor

  CMPWR025 Datasheet HTML 1Page - ON Semiconductor CMPWR025 Datasheet HTML 2Page - ON Semiconductor CMPWR025 Datasheet HTML 3Page - ON Semiconductor CMPWR025 Datasheet HTML 4Page - ON Semiconductor CMPWR025 Datasheet HTML 5Page - ON Semiconductor CMPWR025 Datasheet HTML 6Page - ON Semiconductor CMPWR025 Datasheet HTML 7Page - ON Semiconductor CMPWR025 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
CMPWR025
http://onsemi.com
6
Typical Transient Characteristics
The circuit schematic in Figure 6 below shows the
transient characterization test setup. It includes the power
supply source impedances RS1 and RS2, which represent the
power supplies’ output impedances and interconnection
parasitics to the VCC1 and VCC2 input pins. In this test
set−up, the series resistances on VCC1 and VCC2 are
respectively RS1 = 0.16 W, and RS2 = 0.06 W, unless
specified otherwise. A load resistance RL of 11 W is used,
setting a load current of about 450 mA at 5 V.
The hysteresis level is increased by connecting pin 8 to
ground, which will improve the transient performance in
noisy environments. In the transient analysis, the rise time
and fall time of VCC1 is very long, in the 20 msec range,
providing a worst case situation.
Important note: The power supply source impedance
must be as low as possible to avoid chatter during power
transition. When operating in a high load and long rise time
power−up condition, we recommend not exceeding a value
of 0.15
W on both source resistances.
VHYS u I (RS ) RT)
Where: VHYS = The Minimum Hysteresis
Voltage = 80 mV
RS = The Power Supply Output Impedance
RT = The PCB Trace Impedance
For a rated load of 600 mA, RS + RT < 0.15 W.
GND
GND
VOUT
VCC1
VCC2
HYS
GND
VOUT
C5
0.1 mF
C6
10 mF
Load
11 W
C3
0.1 mF
C4
10 mF
RS2
RS1
C1
0.1 mF
C2
10 mF
CMPWR025
VCC1
5 V
TR=20ms
TF=20ms
VCC2
5 V
Figure 6. Transient Characterization Test Set−Up
+
+
+
−
+
Input and Output Capacitors
Filtering is typically unnecessary on the inputs, however
power supply source impedance and parasitic resistance or
inductance on the interconnections may result in chattering
during the supply changeover. When an input is deselected
and the input current drops to zero, the voltage at the input
terminals will rise. If this voltage rise exceeds the hysteresis
(75 mV typical), the switch may chatter.
There are four ways to eliminate this chatter:
1. Connect pin 8 to GND to select 150 mV
hysteresis,
2. position the device as close as possible to the
power supply connectors,
3. use low−impedance PCB traces, or
4. include low−ESR input bypass capacitors at the
VCC1 and VCC2 input pins. Capacitors of 10 mF or
greater are recommended.
VOUT provides the power for the load. To ensure the
output is glitch−free during dynamic switching of the inputs,
it is recommended that an external capacitor of 10
mF or
greater is included. This will restrict any transient output
disturbances to less than 300 mV at 600 mA loading during
dynamic switching of the inputs.
The test set−up used in Figure 7 and Figure 8 is described
on page 5. The set−up for Figure 9 has larger series
resistances on VCC1 and VCC2.
VCC1 Rising from 0 V to 5 V/(VCC2 = 5 V). Figure 7
shows the primary supply VCC1 becoming selected during
a 0 V to 5 V transition. The secondary supply VCC2 is set to
5 V DC. The channel 1 switch is turned on when VCC1 rises
to within about 70 mV of VCC2. VCC1 drops when it is
selected due to power supply source resistance RS1.
A positive glitch appears on VCC2 when channel 2 switch is



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com