Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPWR025 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CMPWR025
Description  Dual Input Smart Power Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CMPWR025 Datasheet(HTML) 2 Page - ON Semiconductor

  CMPWR025 Datasheet HTML 1Page - ON Semiconductor CMPWR025 Datasheet HTML 2Page - ON Semiconductor CMPWR025 Datasheet HTML 3Page - ON Semiconductor CMPWR025 Datasheet HTML 4Page - ON Semiconductor CMPWR025 Datasheet HTML 5Page - ON Semiconductor CMPWR025 Datasheet HTML 6Page - ON Semiconductor CMPWR025 Datasheet HTML 7Page - ON Semiconductor CMPWR025 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CMPWR025
http://onsemi.com
2
TYPICAL APPLICATION CIRCUIT
+
VCC1
CMPWR025
SIMPLIFIED ELECTRICAL SCHEMATIC
GND
VCC2
HYS
VOUT
VOUT
COUT
10 mF
+
+
VCC1
5 V
VCC2
5 V
GND
VOUT
VCC1
VCC2
HYS
GND
SW1
0.2 W
SW2
0.2 W
-
+
PACKAGE / PINOUT DIAGRAM
Top View
8−Pin MSOP
CMPWR025R
VCC1
1
2
3
4
HYS
VOUT
GND
8
7
6
5
VCC1
VCC2
VCC2
VOUT
Table 1. PIN DESCRIPTIONS
Pin(s)
Name
Description
1, 2
VCC1
VCC1 is the primary power source, which is given priority when present. If pin 8 (HYS) is unconnected, then
the hysteresis level is 75 mV (typ.). Whenever the primary power source drops below the secondary supply
VCC2 by more than 125 mV, it will immediately become deselected. When the primary power source is
restored to within 50 mV of the secondary supply, the primary power source will once again be selected and
provide all the output current. When VCC1 is selected, it will supply all the internal current requirements which
are typically 20 mA. When VCC1 is not selected, there will be no current loading on this input.
Pins 1 & 2 must be connected together externally.
3, 4
VCC2
VCC2 is the secondary power source and is selected when the primary source has fallen below it by more
than 125 mV (or 200 mV if pin 8 is grounded). The secondary source will be deselected immediately once the
primary source is restored to within 50 mV of VCC2. When VCC2 is selected, it will supply all the internal
current requirements which are typically 20 mA. When VCC2 is not selected, there will be no current loading on
this input.
Pins 3 & 4 must be connected together externally.
5
GND
Negative reference for all voltages.
6, 7
VOUT
Positive voltage output switched from VCC1 or VCC2 inputs. During normal operation the impedance from
VOUT to the selected supply is typically less than 0.28 W, which results in minimal voltage loss from input to
output. During the cold−start interval when both inputs are initially applied, the internal circuitry provides a soft
turn−on for the switches, which limits peak in−rush current.
Pins 6 & 7 must be connected together externally.
8
HYS
HYS is the user−selectable hysteresis input. The hysteresis level is set to 150 mV when pin 8 is grounded.
The default hysteresis level is set to 75 mV by leaving pin 8 unconnected. Using 150 mV hysteresis is
recommended, especially in environments with noisy power supplies, high power supply resistances or high
load currents. If the hysteresis level is set to 150 mV, the primary supply VCC1 must now fall 200 mV below
the secondary supply VCC2 before it becomes deselected.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com