Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPWR025 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CMPWR025
Description  Dual Input Smart Power Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CMPWR025 Datasheet(HTML) 1 Page - ON Semiconductor

  CMPWR025 Datasheet HTML 1Page - ON Semiconductor CMPWR025 Datasheet HTML 2Page - ON Semiconductor CMPWR025 Datasheet HTML 3Page - ON Semiconductor CMPWR025 Datasheet HTML 4Page - ON Semiconductor CMPWR025 Datasheet HTML 5Page - ON Semiconductor CMPWR025 Datasheet HTML 6Page - ON Semiconductor CMPWR025 Datasheet HTML 7Page - ON Semiconductor CMPWR025 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
 Semiconductor Components Industries, LLC, 2011
April, 2011 − Rev. 4
1
Publication Order Number:
CMPWR025/D
CMPWR025
Dual Input SmartORt Power
Switch
Product Description
The SmartOR
t CMPWR025 is a dual input power switch that
selects between two different power inputs and delivers it to one
output. The device integrates two very low impedance power switches
and automatically implements an OR function that selects the higher
of the two inputs. Hysteresis is built in (and is user selectable) to
prevent switch chatter.
The CMPWR025 is a much−improved solution over simply ORing
two diodes, due to the greatly reduced losses of the CMPWR025 when
compared to low forward drop Schottky diodes.
The CMPWR025 is designed to operate above the 1 W (375 mA at
3.3 V) sleep mode rating stated in the PCI Rev 2.2 spec. In fact the
CMPWR025 current rating is dependent upon the power dissipation
resulting from the voltage drop across the internal switch elements.
See the Typical DC Characteristics section in this data sheet for
details.
For IAPC (Instantly Available Personal Computer) applications see
ON Semiconductor Application Note “Instantly Available PCI Card
Power Management”.
The CMPWR025 is housed in a 8−lead MSOP package and is
available with RoHS compliant lead−free finishing.
Features
Implements Logical “Input VCC1 OR Input VCC2
Integrated Low Impedance Switches (0.2 W TYP)
Operating Supply Range from 2.8 V to 5.5 V
Provides Up to 600 mA Output Current
Glitch−Free Output During Supply Switching Transitions
Low Operating Supply Current of 20 mA (TYP)
User−Selectable Hysteresis for Supply Selection
8−Pin MSOP Package
These Devices are Pb−Free and are RoHS Compliant
Applications
PCI Cards for Wake−On−LAN/Wake−On−Ring
Dual Power Systems
Systems with Standby Capabilities
Battery Backup Systems
See also Application Note AP−211
USB Enabled Mobile Electronics such as MP3 Players, PDAs,
Digital Cameras and Wireless Handsets
MARKING DIAGRAM
Device
Package
Shipping
ORDERING INFORMATION
http://onsemi.com
CMPWR025R
MSOP 8
(Pb−Free)
4000/Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
R025
= CMPWR025R
R025
MSOP 8
R SUFFIX
CASE 846AD


Similar Part No. - CMPWR025

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CMPWR025 CALMIRCO-CMPWR025 Datasheet
90Kb / 7P
Dual Input SmartOR Power Switch
More results

Similar Description - CMPWR025

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC17131 TI-UC17131 Datasheet
90Kb / 10P
Smart Power Switch
logo
Semtech Corporation
SC1543 SEMTECH-SC1543 Datasheet
56Kb / 5P
400mA/200mA Dual 3.3V Smart Power Switch
logo
Infineon Technologies A...
BTS3408G INFINEON-BTS3408G Datasheet
366Kb / 16P
Smart Dual Lowside Power Switch
V1.0 2002-11-14
BTS3410G INFINEON-BTS3410G Datasheet
320Kb / 11P
Smart Dual Lowside Power Switch
2004-03-05
logo
Texas Instruments
UC37132N TI1-UC37132N Datasheet
121Kb / 13P
Smart Power Switch
logo
Infineon Technologies A...
BTT6030-2EKA INFINEON-BTT6030-2EKA_15 Datasheet
2Mb / 54P
Smart High-Side Power Switch Dual Channel
Rev. 1.1, 2015-03-04
logo
Texas Instruments
TPS2H160-Q1 TI1-TPS2H160-Q1 Datasheet
158Kb / 6P
Dual Channels Smart High-Side Power Switch
TPS2H000-Q1 TI1-TPS2H000-Q1 Datasheet
153Kb / 6P
Dual Channels Smart High-Side Power Switch
UC17131 TI-UC17131_V01 Datasheet
145Kb / 12P
Smart Power Switch
logo
Maxim Integrated Produc...
MAX8934A MAXIM-MAX8934A_V01 Datasheet
1Mb / 32P
Dual-Input Linear Chargers, Smart Power Selector
2014
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com