Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPWR025 Datasheet(PDF) 5 Page - ON Semiconductor

Part # CMPWR025
Description  Dual Input Smart Power Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CMPWR025 Datasheet(HTML) 5 Page - ON Semiconductor

  CMPWR025 Datasheet HTML 1Page - ON Semiconductor CMPWR025 Datasheet HTML 2Page - ON Semiconductor CMPWR025 Datasheet HTML 3Page - ON Semiconductor CMPWR025 Datasheet HTML 4Page - ON Semiconductor CMPWR025 Datasheet HTML 5Page - ON Semiconductor CMPWR025 Datasheet HTML 6Page - ON Semiconductor CMPWR025 Datasheet HTML 7Page - ON Semiconductor CMPWR025 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
CMPWR025
http://onsemi.com
5
CMPWR025 TYPICAL DC CHARACTERISTICS
The Switch Resistance vs. Temperature curve shown in
Figure 3 illustrates the switch resistance measured at
600 mA load with VCC equal to 3.3 V and 5 V. The
resistance is shown at a temperatures range of −40C to
70C. When the temperature rises from 25 to 70C, the
switch resistance increases by about 20%.
Figure 3. Switch Resistance vs. VCC
with Temperature
The Supply Current vs. Temperature curve shown in
Figure 4 illustrates the internal supply current with VCC
equal to 3.3 V and 5 V. This current is drawn from the
selected VCC input, and is dissipated through the ground pin
(pin 5). This current is independent of load current.
Figure 4. Supply Current vs. Temperature
The Hysteresis Voltage vs. Temperature curve shown in
Figure 5 illustrates how the hysteresis voltages vary with
temperature. ‘VHYS1’ is the hysteresis value if pin 8 is left
unconnected, ‘VHYS2’ is the hysteresis value if pin 8 is
connected to ground. ‘VCC1sel’ is the voltage below VCC2
at which Vcc1 will be selected (refer to selection threshold
diagrams on page 4). These three voltages are independent
of the VCC operating voltage.
Figure 5. Hysteresis Voltage vs. Temperature
Power Dissipation and Output Current
Considerations
The CMPWR025 is supplied in an MSOP package which
has a maximum power dissipation rating of 0.3 W. It is
important that the heat generated within the part does not
exceed this rating. The heat generated by the load current is
given by:
PDISS + VSW
ILOAD
or
PDISS + RSW
(ILOAD)2
At a typical load of 375 mA the PDISS is just
0.4
(0.375)2 + 56 mW
A primary consideration is Maximum Junction
Temperature, TJ(max), which can be calculated using the
following formula:
TJ(max) + TA ) qJA
PDISS
Where: TA = The Ambient Temperature
qJA = Thermal Resistance = 100 C/W
PDISS = Power Dissipation
In the above example operating at an ambient of 70C,
TJ(max) would be:
TJ(max) + 70° C ) (0.056 W)(100° C W) + 75.6° C
Maximum power dissipation, including the power from
the other circuitry within the device, suggests a current
rating of approximately:
PDISS * PINT
RSW
+ ILOAD
0.3 W * 100 mW
0.4
+ 865 mA
Note that this is beyond the maximum current rating of the
device, which is 750 mA maximum.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com