Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPWR025 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CMPWR025
Description  Dual Input Smart Power Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CMPWR025 Datasheet(HTML) 3 Page - ON Semiconductor

  CMPWR025 Datasheet HTML 1Page - ON Semiconductor CMPWR025 Datasheet HTML 2Page - ON Semiconductor CMPWR025 Datasheet HTML 3Page - ON Semiconductor CMPWR025 Datasheet HTML 4Page - ON Semiconductor CMPWR025 Datasheet HTML 5Page - ON Semiconductor CMPWR025 Datasheet HTML 6Page - ON Semiconductor CMPWR025 Datasheet HTML 7Page - ON Semiconductor CMPWR025 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CMPWR025
http://onsemi.com
3
SPECIFICATIONS
Table 2. ABSOLUTE MAXIMUM RATINGS
Parameter
Rating
Units
ESD Protection (HBM)
2000
V
Pin Voltages
VCC1
VCC2
[GND − 0.5] to [+6.0]
[GND − 0.5] to [+6.0]
V
Maximum DC Output Current
750
mA
Storage Temperature Range
−65 to +150
C
Operating Temperature Range
Ambient
Junction
−20 to +70
−20 to +125
C
Power Dissipation
0.3
W
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
Table 3. STANDARD OPERATING CONDITIONS
Parameter
Rating
Units
VCC1 and VCC2 Input Voltage
2.8 to 5.5
V
Ambient Operating Temperature
0 to +70
C
ILOAD
0 to 600
mA
Table 4. ELECTRICAL OPERATING CHARACTERISTICS (Note 1)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VCCDES1
VCC1 Deselect
VCC1 Deselect Level below VCC2;
HYS Input (Pin 8) Floating
50
125
200
mV
VCCDES2
VCC2 Deselect 2
VCC1 Deselect Level below VCC2;
HYS Input (Pin 8) Grounded
90
200
300
mV
VCC1SEL
VCC1 Select Preference
10
50
100
mV
VHYS1
VHYS2
Hysteresis
VCC1SEL−VCC1DES
VCC1SEL−VCC1DES
HYS Input (Pin 8) Floating (Note 2)
HYS Input (Pin 8) Grounded (Note 2)
40
80
75
150
100
200
mV
tDL
tDH
Switching Delay
VCC1,2 Falltime < 100 ns (Note 3)
VCC1,2 Risetime < 100 ns (Note 3)
200
200
ns
RSW
Switch Resistance
ILOAD = 0 to 600 mA; VCC1,2 = 2.8 V
ILOAD = 0 to 600 mA; VCC1,2 = 5.0 V
0.28
0.21
0.4
0.3
W
VSW
Voltage Drop Across Switch
(VCC1,2 − VOUT)
IOUT = 100 mA; VCC1,2 = 2.8 V
IOUT = 200 mA; VCC1,2 = 2.8 V
IOUT = 600 mA; VCC1,2 = 2.8 V
IOUT = 100 mA; VCC1,2 = 5.0 V
IOUT = 200 mA; VCC1,2 = 5.0 V
IOUT = 600 mA; VCC1,2 = 5.0 V
28
56
168
21
42
125
40
80
240
30
60
180
mV
IRCC1
IRCC2
Reverse Leakage
VCC1 = 0 V; VCC2 = 5.0 V
VCC1 = 5.0 V; VCC2 = 0 V
100
100
mA
ICC1, ICC2
Supply Current
When Selected (IOUT = 0)
When NOT Selected
20
1
mA
IGND
Ground Pin Current
VCC1 = VCC2 = 5.0 V;
ILOAD = 0 mA to 600 mA
20
50
mA
1. Operating Characteristics are over Standard Operating Conditions unless otherwise specified.
2. Hysteresis level defines the maximum level of acceptable noise on VCC during switching. Excessive parasitic inductance on VCC board traces
to the CMPWR025 may require an input capacitor to adequately filter the supply noise to below the hysteresis level. This will ensure that
precise switching occurs between VCC1 and VCC2 supply inputs.
3. This is the time, after the select/deselect threshold is reached, for the switches to react.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com