Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPWR150 Datasheet (PDF) - ON Semiconductor

CMPWR150 Datasheet PDF - ON Semiconductor
Part # CMPWR150
Download  CMPWR150 Download
File Size   148.65 Kbytes
Page   15 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 500mA/3.3V SmartOR Power Regulator

CMPWR150 Datasheet (PDF)

Go To PDF Page Download Datasheet
CMPWR150 Datasheet PDF - ON Semiconductor

Part # CMPWR150
Download  CMPWR150 Click to download

File Size   148.65 Kbytes
Page   15 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 500mA/3.3V SmartOR Power Regulator

CMPWR150 Datasheet (HTML) - ON Semiconductor


CMPWR150 Product details

Product Description
California Micro Devices SmartORTM CMPWR150 is a low dropout regulator that delivers up to 500mA of load current at a fixed 3.3V output. An internal threshold level (typically 4.1V) is used to prevent the regulator from being operated below dropout voltage. The device continuously monitors the input supply and will automatically disable the regulator when VCC falls below the threshold level. When the regulator is disabled, the control signal “Drive” (Active Low) is enabled, which allows an external PMOS switch to power the load from an auxiliary 3.3V supply.

Features
 • Automatic detection of VCC input supply
 • Drive output logic to control external switch
 • Glitch-free output during supply transitions
 • 500mA output maximum load current
 • Built-in hysteresis during supply selection
 • Controller operates from either VCC or VOUT
 • 8-pin SOIC Thermal or 5-pin TO-263 packages

Applications
 • PCI adapter cards
 • Network Interface Cards (NIC’s)
 • Dual power systems
 • Systems with standby capabilities
 • See Application Note AP-211




Similar Part No. - CMPWR150

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CMPWR150 CALMIRCO-CMPWR150 Datasheet
486Kb / 8P
500mA/3.3V SMARTOR Power Regulator
CMPWR150SA CALMIRCO-CMPWR150SA Datasheet
486Kb / 8P
500mA/3.3V SMARTOR Power Regulator
CMPWR150SAR CALMIRCO-CMPWR150SAR Datasheet
486Kb / 8P
500mA/3.3V SMARTOR Power Regulator
CMPWR150SAT CALMIRCO-CMPWR150SAT Datasheet
486Kb / 8P
500mA/3.3V SMARTOR Power Regulator
CMPWR150TO CALMIRCO-CMPWR150TO Datasheet
486Kb / 8P
500mA/3.3V SMARTOR Power Regulator
More results


Similar Description - CMPWR150

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CMPWR130 CALMIRCO-CMPWR130 Datasheet
94Kb / 6P
300mA SMARTOR Regulator with V Drive
CMPWR150 CALMIRCO-CMPWR150 Datasheet
486Kb / 8P
500mA/3.3V SMARTOR Power Regulator
CMPWR300 CALMIRCO-CMPWR300 Datasheet
365Kb / 11P
500mA SMARTOR Dual Regulator with V switch?
logo
Cherry Semiconductor Co...
CS5231-3 CHERRY-CS5231-3 Datasheet
280Kb / 11P
500mA, 3.3V Linear Regulator with Auxiliary Control
Rev. 3/31/99
logo
Sipex Corporation
SP6231 SIPEX-SP6231 Datasheet
145Kb / 10P
500mA, 3.3V Linear Regulator with Auxiliary Backup
logo
California Micro Device...
CM3103 CALMIRCO-CM3103 Datasheet
174Kb / 10P
400mA SMARTOR REGULATOR Vaux SWITCH
logo
Anpec Electronics Corop...
APL5522 ANPEC-APL5522 Datasheet
193Kb / 12P
Dual-Channel, 3.3V/500mA and 2.5V/500mA Linear Regulator
logo
Maxim Integrated Produc...
MAX33054ESHLD MAXIM-MAX33054ESHLD Datasheet
892Kb / 9P
3.3V, 500mA DC power supply
Rev 0; 7/18
MAX33053ESHLD MAXIM-MAX33053ESHLD Datasheet
978Kb / 9P
3.3V, 500mA DC power supply
Rev 0; 7/18
MAX33040ESHLD MAXIM-MAX33040ESHLD Datasheet
862Kb / 8P
3.3V, 500mA DC power supply
Rev 0; 11/20
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com