Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPWR150 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CMPWR150
Description  500mA/3.3V SmartOR Power Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CMPWR150 Datasheet(HTML) 2 Page - ON Semiconductor

  CMPWR150 Datasheet HTML 1Page - ON Semiconductor CMPWR150 Datasheet HTML 2Page - ON Semiconductor CMPWR150 Datasheet HTML 3Page - ON Semiconductor CMPWR150 Datasheet HTML 4Page - ON Semiconductor CMPWR150 Datasheet HTML 5Page - ON Semiconductor CMPWR150 Datasheet HTML 6Page - ON Semiconductor CMPWR150 Datasheet HTML 7Page - ON Semiconductor CMPWR150 Datasheet HTML 8Page - ON Semiconductor CMPWR150 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
CMPWR150
Rev. 3 | Page 2 of 15 | www.onsemi.com
Simplified Electrical Schematic
Typical Application Circuit
PIN DESCRIPTIONS
PIN(S)
NAME
DESCRIPTION
1
N.C.
This is a no-connect pin.
2
V
CC
V
CC is the power source for the internal regulator and is monitored continuously by an internal controller
circuit. Whenever V
CC exceeds VCCSEL (4.35V typically), the internal regulator (500mA max) will be enabled
and deliver a fixed 3.3V at V
OUT.
When V
CC falls below VCCDES (4.10V typically) the regulator will be
disabled. Internal loading on this pin is typically 1.0mA when the regulator is enabled, which decreases to
0.15mA whenever the regulator is disabled. If V
CC falls below the voltage on the VOUT pin the VCC loading
will further decrease to only a few microamperes. During a V
CC power up sequence, there will be an
effective step increase in V
CC line current when the regulator is enabled.
The amplitude of this step
increase will depend on the DC load current and any necessary current required for charging/discharging
the load capacitance. This line current transient will cause a voltage disturbance at the V
CC pin. The
magnitude of the disturbance will be directly proportional to the effective power supply source impedance
being delivered to the V
CC input. To prevent chatter during Select and Deselect transitions, a built-in
hysteresis voltage of 250mV has been incorporated. It is recommended that the power supply connected
to the V
CC input have a source resistance of less than 0.25Ω to minimize the event of chatter during the
enabling/disabling of the regulator. An input filter capacitor in close proximity to the V
CC pin will reduce the
effective source impedance and help minimize any disturbances. If the V
CC pin is within a few inches of
the main input filter, a capacitor may not be necessary. Otherwise an input filter capacitor in the range of
1µF to 10µF will ensure adequate filtering.
5-8
GND
GND is the negative reference for all voltages. The current that flows in the ground connection is very low
(typically 1.0mA) and has minimal variation over all load conditions.
3
V
OUT
V
OUT is the regulator output voltage connection used to power the load.
An output capacitor of ten
microfarads is used to provide the necessary phase compensation, thereby preventing oscillation. The
capacitor also helps to minimize the peak output disturbance during power supply changeover.
When V
CC falls below VOUT, then VOUT will be used to provide the necessary quiescent current for the
internal reference circuits. This ensures excellent start-up characteristics for the regulator.
4
DRIVE
DRIVE is an active LOW logic output intended to be used as the control signal for driving an external
PFET whenever the regulator is disabled. This will allow the voltage at V
OUT to be powered from an
auxiliary supply voltage (3.3V).
The Drive pin is pulled HIGH to V
CC whenever the regulator is enabled.
This ensures that the auxiliary
remains isolated during normal regulator operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com