Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPWR150 Datasheet(PDF) 10 Page - ON Semiconductor

Part # CMPWR150
Description  500mA/3.3V SmartOR Power Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CMPWR150 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button CMPWR150 Datasheet HTML 6Page - ON Semiconductor CMPWR150 Datasheet HTML 7Page - ON Semiconductor CMPWR150 Datasheet HTML 8Page - ON Semiconductor CMPWR150 Datasheet HTML 9Page - ON Semiconductor CMPWR150 Datasheet HTML 10Page - ON Semiconductor CMPWR150 Datasheet HTML 11Page - ON Semiconductor CMPWR150 Datasheet HTML 12Page - ON Semiconductor CMPWR150 Datasheet HTML 13Page - ON Semiconductor CMPWR150 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
CMPWR150
Rev. 3 | Page 10 of 15 | www.onsemi.com
V
OUT offset = 3.3V,
V
CC offset = 4.3V
PowerUpVaux30v.bmp
Figure 8. V
CC Power-up (VAUX = 3.0V)
V
CC Power-down (VAUX = 3.3V).
Figure 9 shows the output response as V
CC approaches the deselect threshold
during a power-down transition. V
AUX of 3.3V remains present. When VCC reaches the deselect threshold (4.1V),
the regulator turns off. This causes a step change reduction in V
CC current resulting in a small voltage increase
at the V
CC input. This disturbance is approximately 100mV and the built-in hysteresis of 250mV ensures the
regulator remains disabled throughout the transient. The output voltage experiences a disturbance of
approximately 100mV during the transition.
V
OUT offset = 3.3V,
V
CC offset = 4.3V
PowerDwnVaux33v.bmp
Figure 9. V
CC Power-down (VAUX = 3.3V)
Load Step Response. Figure 10 shows the output response of the regulator during a step load change from
5mA to 500mA (represented on Ch1). An initial transient overshoot of 50mV occurs and the output settles to its
final voltage within a few microseconds. The dc voltage disturbance on the output is approximately 75mV,
which demonstrates the regulator output impedance of 0.15
Ω.
V
OUT offset = 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com