Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPWR150 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CMPWR150
Description  500mA/3.3V SmartOR Power Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CMPWR150 Datasheet(HTML) 4 Page - ON Semiconductor

  CMPWR150 Datasheet HTML 1Page - ON Semiconductor CMPWR150 Datasheet HTML 2Page - ON Semiconductor CMPWR150 Datasheet HTML 3Page - ON Semiconductor CMPWR150 Datasheet HTML 4Page - ON Semiconductor CMPWR150 Datasheet HTML 5Page - ON Semiconductor CMPWR150 Datasheet HTML 6Page - ON Semiconductor CMPWR150 Datasheet HTML 7Page - ON Semiconductor CMPWR150 Datasheet HTML 8Page - ON Semiconductor CMPWR150 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
CMPWR150
Rev. 3 | Page 4 of 15 | www.onsemi.com
Specifications
ABSOLUTE MAXIMUM RATINGS
PARAMETER
RATING
UNITS
ESD Protection (HBM)
+2000
V
Pin Voltages
V
CC
DRIVE
[GND - 0.5] to [+6.0]
[GND - 0.5] to [V
CC + 0.5]
V
V
Storage Temperature Range
-40 to +150
°C
Operating Temperature Range
Ambient
Junction
0 to +70
0 to +125
°C
°C
Power Dissipation
SOIC (see Note 1)
1.0
W
Note 1: The SOIC package used is thermally enhanced through the use of a fused integral leadframe. The power rating is
based on a printed circuit board heat spreading capability equivalent to 2 square inches of copper connected to the
GND pins. Typical multi-layer boards using power plane construction will provide this heat spreading ability without the
need for additional dedicated copper area. (Please consult factory for thermal evaluation assistance.)
STANDARD OPERATING CONDITIONS
PARAMETER
RATING
UNITS
V
CC Input Voltage
4.5 to 5.5
V
Ambient Operating Temperature Range
0 to +70
°C
Load Current
0 to 500
mA
C
EXT
10 +10%
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com