Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPWR150 Datasheet(PDF) 11 Page - ON Semiconductor

Part # CMPWR150
Description  500mA/3.3V SmartOR Power Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CMPWR150 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button CMPWR150 Datasheet HTML 7Page - ON Semiconductor CMPWR150 Datasheet HTML 8Page - ON Semiconductor CMPWR150 Datasheet HTML 9Page - ON Semiconductor CMPWR150 Datasheet HTML 10Page - ON Semiconductor CMPWR150 Datasheet HTML 11Page - ON Semiconductor CMPWR150 Datasheet HTML 12Page - ON Semiconductor CMPWR150 Datasheet HTML 13Page - ON Semiconductor CMPWR150 Datasheet HTML 14Page - ON Semiconductor CMPWR150 Datasheet HTML 15Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
CMPWR150
Rev. 3 | Page 11 of 15 | www.onsemi.com
LoadStep.bmp
Figure 10. Load Step Response
Line Step Response. Figure 11 shows the output response of the regulator to a V
CC line voltage transient
between 4.5V and 5.5V (1Vpp as shown on Ch1). The load condition during this test is 5mA. The output
response produces less than 10mV of disturbance on both edges indicating a line rejection of better than 40dB
at high frequencies.
V
OUT offset = 3.3V
LineStep.bmp
Figure 11. Line Step Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com