Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPWR150 Datasheet(PDF) 8 Page - ON Semiconductor

Part # CMPWR150
Description  500mA/3.3V SmartOR Power Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CMPWR150 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button CMPWR150 Datasheet HTML 4Page - ON Semiconductor CMPWR150 Datasheet HTML 5Page - ON Semiconductor CMPWR150 Datasheet HTML 6Page - ON Semiconductor CMPWR150 Datasheet HTML 7Page - ON Semiconductor CMPWR150 Datasheet HTML 8Page - ON Semiconductor CMPWR150 Datasheet HTML 9Page - ON Semiconductor CMPWR150 Datasheet HTML 10Page - ON Semiconductor CMPWR150 Datasheet HTML 11Page - ON Semiconductor CMPWR150 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
CMPWR150
Rev. 3 | Page 8 of 15 | www.onsemi.com
Typical Transient Characteristics
The transient characterization test set-up shown below includes the effective source impedance of the V
CC
supply (R
S). This was measured to be approximately 0.2Ω. It is recommended that this effective source
impedance be no greater than 0.25
Ω to ensure precise switching is maintained during V
CC selection and
deselection.
Both the rise and fall times during V
CC power-up/down sequencing were controlled at a 20 millisecond duration.
This is considered to represent worst case conditions for most application circuits.
A maximum rated load current of 500mA was used during characterization, unless specified otherwise.
During a selection or deselection transition, the DC load current is switching from V
AUX to VCC and vice versa. In
addition to the normal load current, there may also be an in-rush current for charging/discharging the load
capacitor. The total current pulse being applied to either V
AUX or VCC is equal to the sum of the DC load and the
corresponding in-rush current. Transient currents in excess of 1.0 amps can readily occur for brief intervals
when either supply commences to power the load.
The oscilloscope traces of V
CC power-up/down show the full bandwidth response at the VCC
and V
OUT pins under
full load (500mA) conditions.
See Application Note AP-211 for more information.
V
CC Power-up Cold Start.
Figure 5 shows the output response during an initial V
CC power-up with VAUX not
present. When V
CC reaches the select threshold, the regulator turns on.
The uncharged output capacitor
causes maximum in-rush current to flow, resulting in a large voltage disturbance at the V
CC pin of about 230mV.
The built-in hysteresis of 250mV ensures the regulator remains enabled throughout the transient.
Prior to V
CC reaching an acceptable logic supply level (2V), a disturbance on the Drive pin can be observed.
PowerUpCold.bmp
Figure 5. V
CC Power-up Cold Start



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com