Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPWR150 Datasheet(PDF) 6 Page - ON Semiconductor

Part # CMPWR150
Description  500mA/3.3V SmartOR Power Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CMPWR150 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button CMPWR150 Datasheet HTML 2Page - ON Semiconductor CMPWR150 Datasheet HTML 3Page - ON Semiconductor CMPWR150 Datasheet HTML 4Page - ON Semiconductor CMPWR150 Datasheet HTML 5Page - ON Semiconductor CMPWR150 Datasheet HTML 6Page - ON Semiconductor CMPWR150 Datasheet HTML 7Page - ON Semiconductor CMPWR150 Datasheet HTML 8Page - ON Semiconductor CMPWR150 Datasheet HTML 9Page - ON Semiconductor CMPWR150 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
CMPWR150
Rev. 3 | Page 6 of 15 | www.onsemi.com
Typical DC Characteristics
Unless stated otherwise, all DC characteristics were measured at room temperature with a nominal V
CC supply
voltage of 5.0 volts and an output capacitance of 10µF. The external PMOS switch was present and resistive
load conditions were used.
The test data shown here was obtained from engineering samples. The device was modified to allow the
regulator to function below the dropout threshold for the purpose of obtaining test data. During normal
operation, production parts will shutdown the regulator below a 4.1V supply.
Dropout Characteristics of the regulator are shown in Dropout
Characteristics. At maximum rated load
conditions (500mA), a 100mV drop in regulation occurs when the line voltage collapses below 4.1V. For light
load conditions (50mA), regulation is maintained for line voltages as low as 3.5V.
In normal operation, the regulator is deselected at 4.1V, which ensures a regulation output droop of less than
100mV is maintained.
Figure 1. Dropout Characteristics
Load Regulation performance is shown from zero to maximum rated load in Load
Regulation. A change in
load from 10% to 100% of rated, results in an output voltage change of less than 75mV. This translates into an
effective output impedance of approximately 0.15 ohms.
Figure 2. Load Regulation
Ground Current is shown across the entire range of load conditions in Ground
Current. The ground current
has minimal variation across the range of load conditions and shows only a slight increase at maximum load.
This slight increase at rated load is due to the current limit protection circuitry becoming active.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com