Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPWR150 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CMPWR150
Description  500mA/3.3V SmartOR Power Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CMPWR150 Datasheet(HTML) 1 Page - ON Semiconductor

  CMPWR150 Datasheet HTML 1Page - ON Semiconductor CMPWR150 Datasheet HTML 2Page - ON Semiconductor CMPWR150 Datasheet HTML 3Page - ON Semiconductor CMPWR150 Datasheet HTML 4Page - ON Semiconductor CMPWR150 Datasheet HTML 5Page - ON Semiconductor CMPWR150 Datasheet HTML 6Page - ON Semiconductor CMPWR150 Datasheet HTML 7Page - ON Semiconductor CMPWR150 Datasheet HTML 8Page - ON Semiconductor CMPWR150 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
500mA/3.3V SmartORTM
Power Regulator
CMPWR150
©2010 SCILLC. All rights reserved.
Publication Order Number:
June 2010 Rev. 3
CMPWR150/D
Features
•
Automatic detection of V
CC input supply
•
Drive output logic to control external switch
•
Glitch-free output during supply transitions
•
500mA output maximum load current
•
Built-in hysteresis during supply selection
•
Controller operates from either V
CC or VOUT
•
8-pin Power SOIC thermal package
•
RoHS compliant (lead-free) finishing
Applications
•
PCI adapter cards
•
Network Interface Cards (NICs)
•
Dual power systems
•
Systems with standby capabilities
•
USB powered devices such as printers,
scanners, MP3 players and Zip drives
•
See Application Note AP-211
Product Description
The
CMPWR150 is a low dropout regulator that
delivers up to 500mA of load current at a fixed 3.3V
output. An internal threshold level (typically 4.1V) is
used to prevent the regulator from being operated
below dropout voltage.
The device continuously
monitors the input supply and will automatically
disable the regulator when V
CC
falls below the
threshold level. When the regulator is disabled, the
control signal “Drive” (Active Low) is enabled, which
allows an external PMOS switch to power the load
from an auxiliary 3.3V supply.
When V
CC
is restored to a level above the select
threshold, the control signal for the external PMOS
switch is disabled and the regulator is once again
enabled.
All the necessary control circuitry needed to provide a
smooth
and
automatic
transition
between
the
supplies has been incorporated. This allows V
CC to
be dynamically switched without loss of output
voltage.
The CMPWR150 is housed in an 8-pin SOIC
thermally enhanced package which is ideal for space
critical applications. The CMPWR150 is available
with RoHS compliant lead-free finishing.


Similar Part No. - CMPWR150

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CMPWR150 CALMIRCO-CMPWR150 Datasheet
486Kb / 8P
500mA/3.3V SMARTOR Power Regulator
CMPWR150SA CALMIRCO-CMPWR150SA Datasheet
486Kb / 8P
500mA/3.3V SMARTOR Power Regulator
CMPWR150SAR CALMIRCO-CMPWR150SAR Datasheet
486Kb / 8P
500mA/3.3V SMARTOR Power Regulator
CMPWR150SAT CALMIRCO-CMPWR150SAT Datasheet
486Kb / 8P
500mA/3.3V SMARTOR Power Regulator
CMPWR150TO CALMIRCO-CMPWR150TO Datasheet
486Kb / 8P
500mA/3.3V SMARTOR Power Regulator
More results

Similar Description - CMPWR150

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CMPWR130 CALMIRCO-CMPWR130 Datasheet
94Kb / 6P
300mA SMARTOR Regulator with V Drive
CMPWR150 CALMIRCO-CMPWR150 Datasheet
486Kb / 8P
500mA/3.3V SMARTOR Power Regulator
CMPWR300 CALMIRCO-CMPWR300 Datasheet
365Kb / 11P
500mA SMARTOR Dual Regulator with V switch?
logo
Cherry Semiconductor Co...
CS5231-3 CHERRY-CS5231-3 Datasheet
280Kb / 11P
500mA, 3.3V Linear Regulator with Auxiliary Control
Rev. 3/31/99
logo
Sipex Corporation
SP6231 SIPEX-SP6231 Datasheet
145Kb / 10P
500mA, 3.3V Linear Regulator with Auxiliary Backup
logo
California Micro Device...
CM3103 CALMIRCO-CM3103 Datasheet
174Kb / 10P
400mA SMARTOR REGULATOR Vaux SWITCH
logo
Anpec Electronics Corop...
APL5522 ANPEC-APL5522 Datasheet
193Kb / 12P
Dual-Channel, 3.3V/500mA and 2.5V/500mA Linear Regulator
logo
Maxim Integrated Produc...
MAX33054ESHLD MAXIM-MAX33054ESHLD Datasheet
892Kb / 9P
3.3V, 500mA DC power supply
Rev 0; 7/18
MAX33053ESHLD MAXIM-MAX33053ESHLD Datasheet
978Kb / 9P
3.3V, 500mA DC power supply
Rev 0; 7/18
MAX33040ESHLD MAXIM-MAX33040ESHLD Datasheet
862Kb / 8P
3.3V, 500mA DC power supply
Rev 0; 11/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com