Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DC-ME-9210-NET Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # DC-ME-9210-NET
Description  Digi Connect ME 9210 Family
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DC-ME-9210-NET Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  DC-ME-9210-NET Datasheet HTML 1Page - List of Unclassifed Manufacturers DC-ME-9210-NET Datasheet HTML 2Page - List of Unclassifed Manufacturers DC-ME-9210-NET Datasheet HTML 3Page - List of Unclassifed Manufacturers DC-ME-9210-NET Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Hardware
Processor Type
32-bit Digi NS9210 processor
ARM Core
ARM926EJ-S
Processor Speed
75MHz
Cache
4kI/DCache
Memory Base Population
Supportupto8MBNORFlash
Supportupto16MBSDRAM
Flexible Interface Modules (FIMs)
300MHzDRPIC165XCPU;2kprogram/192bytesdataRAM
On-chip 256-bit AES Accelerator
•
Power Management Modes
On-the-flyclockscaling;Low-powersleepmodes;Configurablescaling/wake-upevents(EIRQ,UART,Ethernet,etc.)
Pins/Form Factor
RJ-45connectorstylewith20-pinmicropinheader(SamtecFTS-110-01-F-DV-TR)
High-Speed TTL Serial Interface
Fullsignalsupport(TXD,RXD,RTS,CTS,DTR,DSRandDCD);Hardware/Softwareflowcontrol
GPIO
10shared;Upto3externalIRQoptions
SPI
Masterdatarateupto16.7Mbps;Slavedatarateupto7.5Mbps
I2C
v1.0businterface;7-bitand10-bitaddressmodes
Flexible Interface Support (FIM)
UART,1-Wire,USBdevice(low-speed),CANBUS
Watchdog Timer (16-bit)
•
JTAG Interface
Availableondevelopmentmodulesonly
On-Board Power Supervisor
•
Wave-Solderable Design
No clean flux process
Dimensions (L x W x H)
1.445in(36.7mm)x0.75in(19.05mm)x0.735in(18.67mm)
Network Interface - Wired
Physical Layer
10/100Base-T
N/A
Data Rate
10/100Mbps(auto-sensing)
N/A
Mode
Full- or half-duplex (auto-sensing)
N/A
Connector
RJ-45w/magnetics
N/A
PoE Power Pass-Through
802.3afcompliant(Mid-andEnd-span)
N/A
Network Interface – Wireless LAN
Standard
N/A
IEEE802.11b/g/n
Frequency
N/A
2.4GHz
Data Rate
N/A
Upto65Mbpswithautomaticfallback
Modulation
N/A
CCK(11/5Mbps),DQPSK(2Mbps),DBPSK(1Mbps),OFDM(6,
9,12,18,24,48,54and65Mbps)
Typical Transmit Power
N/A
+17 dBm
Receive Sensitivity
N/A
-69dBm@54Mbps
Connector
N/A
1xRP-SMA
WLAN Security
WEP (Wired Equivalent Privacy)
N/A
64/128-bitencryption(RC4)
WPA/WPA2/802.11i
N/A
128-bitTKIP/CCMP(AES)encryption.
Enterprisemode(802.1X):LEAP(WEPonly),PEAP,TTLS,TLS,
EAP-FAST,GTC,MD5,OTP,PAP,CHAP,MSCHAP,MSCHAPv2,
TTLS-MSCHAPv2.Pre-sharedkeymode(PSK/Personal).
Environmental
Operating Temperature
-40°Cto+75°C(-40°Fto+167°F)-40°Cto+85°C(-40°Fto+185°F)withexternalthermalpad*
Storage Temperature
-50°Cto+125°C(-58°Fto+257°F)
Relative Humidity
5% to 90% (non-condensing)
Altitude
12,000feet(3,658meters)
Digi Connect ME® 9210
Specifications
•●ModuleFeature
*Pleaseseehardwarereferencemanualfordetailedinformation
Digi Connect Wi-ME® 9210



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com