Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DC-ME-9210-NET Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # DC-ME-9210-NET
Description  Digi Connect ME 9210 Family
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DC-ME-9210-NET Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  DC-ME-9210-NET Datasheet HTML 1Page - List of Unclassifed Manufacturers DC-ME-9210-NET Datasheet HTML 2Page - List of Unclassifed Manufacturers DC-ME-9210-NET Datasheet HTML 3Page - List of Unclassifed Manufacturers DC-ME-9210-NET Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DIGISERVICEANDSUPPORT-YoucanpurchasewithconfidenceknowingthatDigiisheretosupportyou
withexperttechnicalsupportandastrongfive-yearwarranty.www.digi.com/support
BUY ONLINE •
www.digiembedded.com
DIGISERVICEANDSUPPORT-YoucanpurchasewithconfidenceknowingthatDigiisheretosupportyou
withexperttechnicalsupportandastrongfive-yearwarranty.www.digi.com/support
Digi International
Worldwide HQ
877-912-3444
952-912-3444
Digi International
France
+33-1-55-61-98-98
www.digi.fr
Digi International
Japan
+81-3-5428-0261
www.digi-intl.co.jp
Digi International
India
+91-80-4287-9887
Digi International
Singapore
+65-6213-5380
Digi International
China
+86-21-5150-6898
www.digi.cn
Power Requirements (3.3 VDC)
Maximum
450mA(1.485W)
Typical
346mA(1.14W)
UARTandEthernetactivated
Idle
186mA(613mW)
/16clockscaling,Ethernetactivated
–
Sleep
3.3VDC@34mA(113mW)
3.3VDC@142mA(486mW)
Regulatory Approvals
FCC Part 15 Class B, EN 55022 Class B
•
EN 61000-3-2 and EN 61000-3-3
•
ICES-003 Class B, VCCI Class II, AS 3548
•
FCC Part 15 Sub C Section 15.247
•
IC RSS-210 Issue 5 Section 6.2.2(o)
•
EN 300 328, EN 301 489-17
•
UL 60950-1, EN 60950 (EU)
•
CSA C22.2, No. 60950
•
EN 55024
•
Intentional Radiation
•
•
Module Feature
Pin
UART
GPIO
Ext IRQ
I2C
SPI
FIM
Other
1
VETH+
2
VETH-
3-6
Positions removed
7
RxD
GPIO[3]
IN
PIC[3]
8
TxD
GPIO[7]
OUT
Timer Out 7
TimerIn8
9
RTS
GPIO[5]
3
CLK
TimerOut6
10
DTR
GPIO[6]
Timer In 7
11
CTS
GPIO[1]
0
PIC[1]
12
DSR
GPIO[2]
1
PIC[2]
13
DCD
GPIO[0]
EN
PIC[0]
14
/RST
15
3.3V
16
GND
17
GPIO[12]
SDA
CLK
RESET_DONE
18
GPIO[9]
0
SCL
19
Reserved
20
GPIO[13]
CLK
INIT
Timer Out 9
Module Pinout
Visit www.digiembedded.com for part numbers.
© 2009-2013 Digi International Inc.
All rights reserved. Digi, Digi International, Etherios, the Digi logo, the Device Cloud by Etherios logo, Digi Connect ME, Digi ESP, Digi JumpStart Kit,
Device Cloud by Etherios, NET+ and NET+OS are trademarks or registered trademarks of Digi International Inc. in the United States and other countries
worldwide. ARM and NET+ARM are trademarks or registered trademarks of ARM Limited. All other trademarks are the property of their respective own-
ers. All information provided is subject to change without notice.
91001478
D4/1113
Recommended PCB Layout
Specifications
Digi Connect ME® 9210
Digi Connect Wi-ME® 9210



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com