Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DC-ME-9210-NET Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DC-ME-9210-NET
Description  Digi Connect ME 9210 Family
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DC-ME-9210-NET Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DC-ME-9210-NET Datasheet HTML 1Page - List of Unclassifed Manufacturers DC-ME-9210-NET Datasheet HTML 2Page - List of Unclassifed Manufacturers DC-ME-9210-NET Datasheet HTML 3Page - List of Unclassifed Manufacturers DC-ME-9210-NET Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.digi.com
Overview
Block Diagram
Features/Benefits
Accessory Kits
Platforms and Services
The Digi Connect ME 9210 family of embedded modules enables
secure wired and wireless networking. Built on Digi’s powerful
NS9210 ARM9 processor, these high-performance modules
allow customers to implement next generation network-enabled
products. Additionally, their RJ-45 form factor is pin compatible
with modules in the Digi Connect ME family.
These modules can provide future application-specific interface
options through the programmable Flexible Interface Module
(FIM), while keeping the main serial port or other key peripheral
interfaces available. They are well-suited for more advanced
core module applications by supporting up to ten shared GPIOs,
external IRQs and an extended set of peripheral interface options.
The Digi Connect ME 9210 family features the development
and operational benefits of the Device Cloud by Etherios™.
This secure, highly-scalable platform seamlessly ties enterprise
applications and remote devices together. Using Device Cloud,
customers can also easily configure, upgrade, monitor and
troubleshoot their devices from a centralized location.
Ultra-compact high-performance embedded modules for
M2M networking combine on-chip security and integrated
802.11b/g/n Wi-Fi or Ethernet networking.
• Secure802.11b/g/nWi-Fisupport
• Integrated10/100MbitEthernetinterface
• SupportforDigiEmbeddedLinuxandDigiNET+OS
• IndustrialoperatingtemperatureSystem-on-Module
• RJ-45formfactorcompatiblewithDigiConnectME
• On-chiphardwareencryptionengine
• Extendedsetofon-chipinterfacesandsignals
• Powermanagementmodes
• Low-emissiondesign(FCCClassB)
• SeamlessmigrationtoNET+ARMchipdesign
Compact and powerful wired and wireless embedded modules
Digi Connect ME®
9210 Family
Design Services
Support
Supported Software Platforms
SPI
8 MB
Flash
16 MB
SDRAM
UART
GPIO
PHY
Mem
Ctrlr
ARM
ARM926EJ-S
75 MHz
JTAG Connector
UART
20-Pin Connector
Power
Mgmt
DRPIC165X FIM
I2C
SPI
SPI
802.11bgn
Wi-Fi
Radio
RP-SMA
Antenna
Connector
Digi Connect Wi-ME 9210
RJ-45
w/integrated
Magnetics
Digi Connect ME 9210
NET OS


Similar Part No. - DC-ME-9210-NET

ManufacturerPart #DatasheetDescription
logo
AG Electronica
DC-005-2.1 AGELECTRONICA-DC-005-2.1 Datasheet
253Kb / 1P
Plug DC 2.1 x 5.5 x 14mm
14/FEB/08
DC-005-2.1R AGELECTRONICA-DC-005-2.1R Datasheet
359Kb / 2P
CONECTOR JACK PARA PLUG-2.1mm
10/01/2020
logo
Coherent Corp
DC-010 COHERENT-DC-010 Datasheet
1Mb / 15P
High-Power CO2 Slab Laser
DC-015 COHERENT-DC-015 Datasheet
1Mb / 15P
High-Power CO2 Slab Laser
DC-020 COHERENT-DC-020 Datasheet
1Mb / 15P
High-Power CO2 Slab Laser
More results

Similar Description - DC-ME-9210-NET

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
NC316-72 MRV-NC316-72 Datasheet
962Kb / 4P
Media Cross Connect??(MCC) Product Family
logo
Connor-Winfield Corpora...
D75F CONNOR-WINFIELD-D75F_11 Datasheet
442Kb / 2P
5x7mm Precision TCXO In Stock at Digi-Key
logo
Panasonic Semiconductor
EEV-FK1V222M PANASONIC-EEV-FK1V222M Datasheet
296Kb / 21P
DIGI-KEY CORPORATION
logo
TEXAS ADVANCED OPTOELEC...
AS1108 TAOS-AS1108 Datasheet
1Mb / 21P
4-Digi t LED Display Dr iver
logo
List of Unclassifed Man...
76000974 ETC2-76000974 Datasheet
68Kb / 1P
Digi Connect Sensor Wall Mount Kit
logo
PHOENIX CONTACT
2200384 PHOENIX-2200384 Datasheet
80Kb / 3P
Headers for ME/ME MAX electronics housing
0828130 PHOENIX-0828130 Datasheet
49Kb / 3P
Label for ME UT housing - EML (44X76)R-ME
logo
Digi International Inc.
XB3-24Z8UM DIGI-XB3-24Z8UM Datasheet
425Kb / 3P
DIGI XBEE 3 ZIGBEE 3.0
XB3-C-A1-UT-001 DIGI-XB3-C-A1-UT-001 Datasheet
427Kb / 4P
DIGI XBEE 3 CELLULAR LTE CAT 1
XB24CAWIT-001 DIGI-XB24CAWIT-001 Datasheet
380Kb / 3P
DIGI XBEE짰 S2C 802.15.4 RF MODULES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com