Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PACRPI Datasheet(PDF) 1 Page - California Micro Devices Corp

Part # PACRPI
Description  P/Active 1% Tolerance Precision Isolated series Termination Network
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

PACRPI Datasheet(HTML) 1 Page - California Micro Devices Corp

  PACRPI Datasheet HTML 1Page - California Micro Devices Corp PACRPI Datasheet HTML 2Page - California Micro Devices Corp PACRPI Datasheet HTML 3Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© 2000 California Micro Devices Corp. All rights reserved.
8/16/2000
1
PACRPI
CALIFORNIA MICRO DEVICES
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
P/Active™ 1% Tolerance Precision Isolated Series Termination Network
Features
• Highly integrated series termination network
• 1% absolute tolerance terminations
• Ultra-low cross talk
• 11 terminating lines/package
• Saves board space and improves system reliability
• Reduces assembly cost and rework
Product Description
The PAC™RPI series terminator network offers high
performance, high reliability, and low cost through
manufacturing efficiency. The resistor termination
elements are fabricated using state-of-the-art thin film
manufacturing. The resistor elements are specified at
1% tolerance for the most demanding termination
requirements. This integrated solution† is silicon-based
Applications
• PC Desktop and PC-based Server systems
• Engineering Workstations
• Embedded RISC processor systems
• Series Termination
C1390800
PIN DIAGRAM
and has the same reliability characteristics as any of
today’s microprocessor products. The thin film resistors
have excellent stability over temperature, applied
voltage, and product life. In addition, the QSOP industry
standard packaging is easy to handle in manufacturing
and provides interconnect reliability on par with other
common semiconductor components.
1
R1
24
2
R
23
3
R
22
4
R
21
5
R
20
6
19
7
R
18
8
R
17
9
R
16
10
R
15
11
R
14
12
R
13
N
O
I
T
A
M
R
O
F
N
I
G
N
I
R
E
D
R
O
T
R
A
P
D
R
A
D
N
A
T
S
e
g
a
k
c
a
P
r
e
b
m
u
N
t
r
a
P
g
n
i
r
e
d
r
O
e
d
o
C
Rs
n
i
Pe
l
y
t
Ss
e
b
u
Tl
e
e
R
&
e
p
a
Tg
n
i
k
r
a
M
t
r
a
P
0
2
24
2P
O
S
QT
/
4
2
Q
I
P
R
F
0
2
2
C
A
PR
/
4
2
Q
I
P
R
F
0
2
2
C
A
P4
2
Q
I
P
R
F
0
2
2
C
A
P
0
3
34
2P
O
S
QT
/
4
2
Q
I
P
R
F
0
3
3
C
A
PR
/
4
2
Q
I
P
R
F
0
3
3
C
A
P4
2
Q
I
P
R
F
0
3
3
C
A
P
0
7
44
2P
O
S
QT
/
4
2
Q
I
P
R
F
0
7
4
C
A
PR
/
4
2
Q
I
P
R
F
0
7
4
C
A
P4
2
Q
I
P
R
F
0
7
4
C
A
P
0
1
54
2P
O
S
QT
/
4
2
Q
I
P
R
F
0
1
5
C
A
PR
/
4
2
Q
I
P
R
F
0
1
5
C
A
P4
2
Q
I
P
R
F
0
1
5
C
A
P
0
6
54
2P
O
S
QT
/
4
2
Q
I
P
R
F
0
6
5
C
A
PR
/
4
2
Q
I
P
R
F
0
6
5
C
A
P4
2
Q
I
P
R
F
0
6
5
C
A
P
0
8
64
2P
O
S
QT
/
4
2
Q
I
P
R
F
0
8
6
C
A
PR
/
4
2
Q
I
P
R
F
0
8
6
C
A
P4
2
Q
I
P
R
F
0
8
6
C
A
P
P/Active™ and PAC™ are trademarks of California Micro Devices.
1 California Micro Devices manufactures products covered by one or more of U.S. Pat. Nos. 5,355,014, 5,370,766, and 5,514,612, 5,706,163,
and other pending applications.
Faraday Shield


Similar Part No. - PACRPI

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PACR4G CALMIRCO-PACR4G Datasheet
87Kb / 3P
HIGH PERFORMANCE BUS TERMINATION NETWORK
PACR6G CALMIRCO-PACR6G Datasheet
99Kb / 3P
EMI/RFIT-FILTER
PACRAMBUS-1 CALMIRCO-PACRAMBUS-1 Datasheet
117Kb / 3P
HIGH PERFORMANCE RAMBUS TERMINATION NETWORK FOR RIMM CONNECTOR
PACRAMBUS-1/R CALMIRCO-PACRAMBUS-1/R Datasheet
117Kb / 3P
HIGH PERFORMANCE RAMBUS TERMINATION NETWORK FOR RIMM CONNECTOR
PACRAMBUS-1/T CALMIRCO-PACRAMBUS-1/T Datasheet
117Kb / 3P
HIGH PERFORMANCE RAMBUS TERMINATION NETWORK FOR RIMM CONNECTOR
More results

Similar Description - PACRPI

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PAC002SPFQ CALMIRCO-PAC002SPFQ Datasheet
37Kb / 1P
P/Active 1% Tolerance Seriers/Parallel Termination Network
PAC1284 CALMIRCO-PAC1284 Datasheet
116Kb / 2P
P/ACTIVE IEEE 1284 ECP/EPP TERMINATION NETWORK
PAC27A01 CALMIRCO-PAC27A01 Datasheet
103Kb / 2P
P/ACTIVE PRECISION VOLTAGE DIVIDER NETWORK
PACAC CALMIRCO-PACAC Datasheet
125Kb / 2P
P/ACTIVE AC TERMINATION NETWORK
PACDT CALMIRCO-PACDT Datasheet
50Kb / 2P
P/Active 1% Tolerance Dual Thevenin Termination Network
PACS1284-06 CALMIRCO-PACS1284-06 Datasheet
93Kb / 5P
P/ACTIVE IEEE 1284 ECP/EPP TERMINATION NETWORK
PACS1284 CALMIRCO-PACS1284 Datasheet
114Kb / 7P
P/ACTIVE IEEE 1284 ECP/EPP TERMINATION NETWORK
PACSZ1284 CALMIRCO-PACSZ1284 Datasheet
112Kb / 7P
P/ACTIVE IEEE 1284 ECP/EPP TERMINATION NETWORK
PACV35 CALMIRCO-PACV35 Datasheet
88Kb / 1P
P/ACTIVE V.35 TERMINATION NETWORK
SUPER1284 CALMIRCO-SUPER1284 Datasheet
398Kb / 5P
P/ACTIVE IEEE 1284 ECP/EPP TERMINATION NETWORK
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com