Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PACRPI Datasheet(PDF) 2 Page - California Micro Devices Corp

Part # PACRPI
Description  P/Active 1% Tolerance Precision Isolated series Termination Network
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

PACRPI Datasheet(HTML) 2 Page - California Micro Devices Corp

  PACRPI Datasheet HTML 1Page - California Micro Devices Corp PACRPI Datasheet HTML 2Page - California Micro Devices Corp PACRPI Datasheet HTML 3Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
©2000 California Micro Devices Corp. All rights reserved.
8/16/2000
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
2
PACRPI
CALIFORNIA MICRO DEVICES
S
N
O
I
T
A
C
I
F
I
C
E
P
S
D
R
A
D
N
A
T
S
)
C
°
0
7
o
t
C
°
0
(
e
c
n
a
r
e
l
o
T
e
t
u
l
o
s
b
A%
1
±
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
g
n
i
t
a
r
e
p
OC
°
0
7
o
t
C
°
0
)
t
i
u
c
r
i
c
t
s
e
t
e
e
s
(
e
g
a
t
l
o
V
m
i
t
c
i
V
k
l
a
t
s
s
o
r
C)
l
a
c
i
p
y
T
(
%
2
±
r
o
t
s
i
s
e
R
/
g
n
i
t
a
R
r
e
w
o
PW
m
0
0
1
e
c
n
a
t
s
i
s
e
R
n
o
i
t
a
l
u
s
n
I
m
u
m
i
n
i
MM
0
0
0
,
0
1
Ω
S
E
U
L
A
V
D
R
A
D
N
A
T
S
(
R
Ω
Ω
Ω
Ω
Ω
d
e
t
a
l
o
s
I
)e
d
o
C
R
2
20
2
2
3
30
3
3
7
40
7
4
1
50
1
5
6
50
6
5
8
6
0
8
6
Typical Frequency Response Characteristics (QSOP Package, TA = 25OC)
Impedance is measured using an HP4291A
S-Parameters are measured using an HP8753C
Ressistance vs. Frequency
Impedance vs. Frequency
47
Ω



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com