Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PACRPI Datasheet(PDF) 3 Page - California Micro Devices Corp

Part # PACRPI
Description  P/Active 1% Tolerance Precision Isolated series Termination Network
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

PACRPI Datasheet(HTML) 3 Page - California Micro Devices Corp

  PACRPI Datasheet HTML 1Page - California Micro Devices Corp PACRPI Datasheet HTML 2Page - California Micro Devices Corp PACRPI Datasheet HTML 3Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
© 2000 California Micro Devices Corp. All rights reserved.
8/16/2000
3
PACRPI
CALIFORNIA MICRO DEVICES
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
Pulse Generator
5V, 10MHz,
>1ns Rise/Fall Time
51
Ω
PACRPI
V
V = Victim Voltage
Crosstalk Test Circuit (TA=25OC)
All lines except victim line are driven



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com