Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6743DTR Datasheet(PDF) 7 Page - STMicroelectronics

Part # L6743DTR
Description  High current MOSFET driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6743DTR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L6743DTR Datasheet HTML 3Page - STMicroelectronics L6743DTR Datasheet HTML 4Page - STMicroelectronics L6743DTR Datasheet HTML 5Page - STMicroelectronics L6743DTR Datasheet HTML 6Page - STMicroelectronics L6743DTR Datasheet HTML 7Page - STMicroelectronics L6743DTR Datasheet HTML 8Page - STMicroelectronics L6743DTR Datasheet HTML 9Page - STMicroelectronics L6743DTR Datasheet HTML 10Page - STMicroelectronics L6743DTR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
L6743D
Electrical specifications
7/16
Gate drivers
RHIHS
HS source resistance
BOOT - PHASE = 12 V; 100 mA
2.3
2.8
Ω
IUGATE
HS source current (1)
BOOT - PHASE = 12 V;
CUGATE to PHASE = 3.3 nF
2A
RLOHS
HS sink resistance
BOOT - PHASE = 12 V; 100 mA
2
2.5
Ω
RHILS
LS source resistance
100 mA
1.3
1.8
Ω
ILGATE
LS source current (1)
CLGATE to GND = 5.6 nF
3
A
RLOLS
LS sink resistance
100 mA
1
1.5
Ω
Protections
VPRE_OV
Pre-OV threshold
PHASE rising
1.8
V
1.
Parameter(s) guaranteed by designed, not fully tested in production
Table 5.
Electrical characteristics (continued)
(VCC = 12 V±15 %, Tj = 0 °C to 70 °C unless otherwise specified).
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com