Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6743DTR Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6743DTR
Description  High current MOSFET driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6743DTR Datasheet(HTML) 1 Page - STMicroelectronics

  L6743DTR Datasheet HTML 1Page - STMicroelectronics L6743DTR Datasheet HTML 2Page - STMicroelectronics L6743DTR Datasheet HTML 3Page - STMicroelectronics L6743DTR Datasheet HTML 4Page - STMicroelectronics L6743DTR Datasheet HTML 5Page - STMicroelectronics L6743DTR Datasheet HTML 6Page - STMicroelectronics L6743DTR Datasheet HTML 7Page - STMicroelectronics L6743DTR Datasheet HTML 8Page - STMicroelectronics L6743DTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
December 2008
Rev 1
1/16
1
L6743D
High current MOSFET driver
Features
■ Dual MOSFET driver for synchronous rectified
converters
■ High driving current for fast external MOSFET
switching
■ Integrated bootstrap diode
■ High frequency operation
■ Enable pin
■ Adaptive dead-time management
■ Flexible gate-drive: 5 V to 12 V compatible
■ High-impedance (HiZ) management for output
stage shutdown
■ Preliminary OV protection
■ SO8 package
Applications
■ High current VRM / VRD for desktop / server /
workstation CPUs
■ High current and high efficiency DC / DC
converter
Description
L6743D is a flexible, high-frequency dual-driver
specifically designed to drive N-channel
MOSFETs connected in synchronous-rectified
buck topology.
Combined with ST PWM controllers, the driver
allows implementing complete voltage regulator
solutions for modern high-current CPUs and
DCDC conversion in general. L6743D embeds
high-current drivers for both high-side and low-
side MOSFETS. The device accepts flexible
power supply (5 V to 12 V) to optimize the gate-
drive voltage for high-side and low-side
maximizing the system efficiency.
The bootstrap diode is embedded saving the use
of external diodes. Anti shoot-through
management avoids high-side and low-side
MOSFET to conduct simultaneously and,
combined with adaptive dead-time control,
minimizes the LS body diode conduction time.
L6743D embeds preliminary OV protection: after
Vcc overcomes the UVLO and while the device is
in HiZ, the LS MOSFET is turned ON to protect
the load in case the output voltage overcomes a
warning threshold protecting the output against
HS failures.
The driver is available is SO8 package.
SO8
Table 1.
Device summary
Order codes
Package
Packing
L6743D
SO8
Tube
L6743DTR
Tape and reel
www.st.com


Similar Part No. - L6743DTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6743 STMICROELECTRONICS-L6743 Datasheet
317Kb / 17P
High current MOSFET driver
20-Aug-2007
L6743 STMICROELECTRONICS-L6743 Datasheet
354Kb / 17P
High current MOSFET driver
05-Jun-2008
L6743B STMICROELECTRONICS-L6743B Datasheet
246Kb / 16P
High current MOSFET driver
17-Jun-2008
L6743BTR STMICROELECTRONICS-L6743BTR Datasheet
246Kb / 16P
High current MOSFET driver
17-Jun-2008
L6743Q STMICROELECTRONICS-L6743Q Datasheet
317Kb / 17P
High current MOSFET driver
20-Aug-2007
More results

Similar Description - L6743DTR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HV400MJ INTERSIL-HV400MJ Datasheet
131Kb / 11P
High Current MOSFET Driver
August 1997
logo
STMicroelectronics
L6743 STMICROELECTRONICS-L6743 Datasheet
317Kb / 17P
High current MOSFET driver
20-Aug-2007
L6741 STMICROELECTRONICS-L6741 Datasheet
301Kb / 16P
High current MOSFET driver
20-Aug-2007
L6743B STMICROELECTRONICS-L6743B Datasheet
246Kb / 16P
High current MOSFET driver
17-Jun-2008
L6743 STMICROELECTRONICS-L6743_08 Datasheet
354Kb / 17P
High current MOSFET driver
05-Jun-2008
logo
Harris Corporation
HV400 HARRIS-HV400 Datasheet
3Mb / 10P
High Current MOSFET Driver
HV400-MJ HARRIS-HV400-MJ Datasheet
3Mb / 10P
High Current MOSFET Driver
logo
STMicroelectronics
L6747ATR STMICROELECTRONICS-L6747ATR Datasheet
415Kb / 15P
High current MOSFET driver
24-Mar-2010
L6747C STMICROELECTRONICS-L6747C Datasheet
341Kb / 15P
High current MOSFET driver
23-Apr-2010
logo
ON Semiconductor
NCX57090Y ONSEMI-NCX57090Y_V01 Datasheet
1Mb / 25P
Isolated High Current IGBT/MOSFET Gate Driver
July, 2022 - Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com