Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6743DTR Datasheet(PDF) 4 Page - STMicroelectronics

Part # L6743DTR
Description  High current MOSFET driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6743DTR Datasheet(HTML) 4 Page - STMicroelectronics

  L6743DTR Datasheet HTML 1Page - STMicroelectronics L6743DTR Datasheet HTML 2Page - STMicroelectronics L6743DTR Datasheet HTML 3Page - STMicroelectronics L6743DTR Datasheet HTML 4Page - STMicroelectronics L6743DTR Datasheet HTML 5Page - STMicroelectronics L6743DTR Datasheet HTML 6Page - STMicroelectronics L6743DTR Datasheet HTML 7Page - STMicroelectronics L6743DTR Datasheet HTML 8Page - STMicroelectronics L6743DTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Pins description and connection diagrams
L6743D
4/16
2
Pins description and connection diagrams
Figure 3.
Pins connection (Top view)
2.1
Pin description
Table 2.
Pins descriptions
1
2
3
4
LGATE
GND
PHASE
UGATE
VCC
EN
PWM
BOOT
5
6
7
8
L6743D
Pin #
Name
Function
1BOOT
high-side driver supply.
This pin supplies the high-side floating driver.
Connect through a RBOOT - CBOOT capacitor to the PHASE pin.
Internally connected to the cathode of the integrated bootstrap diode. See
Section 4.3 for guidance in designing the capacitor value.
2PWM
Control input for the driver, 5 V compatible.
This pin controls the state of the driver and which external MOSFET have to be
turned-ON according to EN status. If left floating and in conjunction with EN
asserted, it causes the driver to enter the High-Impedance (HiZ) state which
causes all MOSFETs to be OFF. See Section 4.1 for details about HiZ.
3EN
Enable input for the driver. Internally pulled low by 15 k
Ω.
Pull high to enable the driver according to the PWM status. If pulled low will
cause the drive to enter HiZ state with all MOSFET OFF regardless of the
PWM status.
See Section 4.1 for details about HiZ.
4VCC
Device and LS driver power supply. Connect to any voltage between 5 V and
12 V. Bypass with low-ESR MLCC capacitor to GND.
5LGATE
low-side driver output.
Connect directly to the low-side MOSFET gate. A small series resistor can be
useful to reduce dissipated power especially in high frequency applications.
6GND
All internal references, logic and drivers are referenced to this pin. Connect to
the PCB ground plane.
7
PHASE
high-side driver return path. Connect to the high-side MOSFET source.
This pin is also monitored for the adaptive dead-time management and Pre-OV
Protection.
8UGATE
high-side driver output.
Connect to high-side MOSFET gate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com