Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2950C Datasheet(PDF) 5 Page - Calogic, LLC

Part # LP2950C
Description  100mA Low Dropout Voltage Regulators
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

LP2950C Datasheet(HTML) 5 Page - Calogic, LLC

  LP2950C Datasheet HTML 1Page - Calogic, LLC LP2950C Datasheet HTML 2Page - Calogic, LLC LP2950C Datasheet HTML 3Page - Calogic, LLC LP2950C Datasheet HTML 4Page - Calogic, LLC LP2950C Datasheet HTML 5Page - Calogic, LLC LP2950C Datasheet HTML 6Page - Calogic, LLC LP2950C Datasheet HTML 7Page - Calogic, LLC LP2950C Datasheet HTML 8Page - Calogic, LLC LP2950C Datasheet HTML 9Page - Calogic, LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
LP2950 / LP2951
CORPORATION
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-3025
LOAD CURRENT (mA)
10
0.01
0.1
100
1D-22
QUIESCENT CURRENT
0.1
1
1.0
10
INPUT VOLTAGE (VOLTS)
250
0
010
1D-24
INPUT CURRENT
5
6
7
8
4
9
3
2
1
25
50
75
100
125
150
175
200
225
=
RL = 50kΩ
∞
RL
5V OUTPUT
INPUT VOLTAGE (VOLTS)
6
0
3
06
1D-23
DROPOUT
CHARACTERISTICS
3
12
4
5
1
2
4
5
RL = 50kΩ
RL = 50Ω
5V OUTPUT
TYPICAL PERFORMANCE CHARACTERISTICS
INPUT VOLTAGE (VOLTS)
120
0
010
1D-25
INPUT CURRENT
5
6
7
8
4
9
3
2
1
60
20
40
80
100
10
70
30
50
90
110
RL = 50Ω
5V OUTPUT
INPUT VOLTAGE (VOLTS)
160
0
08
1D-27
QUIESCENT CURRENT
1
2
3
4
5
6
7
20
40
60
100
120
140
80
5V OUTPUT
IL = 1mA
IL = 0
TEMPERATURE (˚C)
5.06
4.94
5.0
–75
150
1D-26
OUTPUT VOLTAGE vs
TEMPERATURE OF 3
REPRESENTATIVE UNITS
4.96
4.98
5.02
5.04
–50 –25 0
25 50 75 100 125
5V OUTPUT
0.2%
TEMPERATURE (˚C)
170
100
–75
150
1D-28
SHORT CIRCUIT CURRENT
–50 –25 0
25 50 75 100 125
160
150
140
130
120
110
OUTPUT CURRENT
500
0
100
µA
100mA
1D-30
DROPOUT VOLTAGE
400
300
200
100
10mA
1mA
TJ = 25˚C
TEMPERATURE (˚C)
600
0
–75
150
1D-29
DROPOUT VOLTAGE
–50 –25 0
25 50 75 100 125
500
400
300
100
50
IL = 100mA
IL = 100µA
TEMPERATURE (˚C)
120
50
–75
150
1D-31
QUIESCENT CURRENT
–50 –25 0
25 50 75 100 125
110
100
90
80
70
60
5V OUTPUT
VIN = 6V
IL = 100µA
INPUT VOLTAGE (V)
8
0
08
1D-33
QUIESCENT CURRENT
1
2
3
4
5
6
7
1
2
3
5
6
7
4
IL = 100mA
5V OUTPUT
TEMPERATURE (˚C)
10
7
–75
150
1D-32
QUIESCENT CURRENT
–50 –25 0
25 50 75 100 125
9
8
5V OUTPUT
VIN = 6V
IL = 100mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com