Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2950C Datasheet(PDF) 7 Page - Calogic, LLC

Part # LP2950C
Description  100mA Low Dropout Voltage Regulators
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

LP2950C Datasheet(HTML) 7 Page - Calogic, LLC

Back Button LP2950C Datasheet HTML 2Page - Calogic, LLC LP2950C Datasheet HTML 3Page - Calogic, LLC LP2950C Datasheet HTML 4Page - Calogic, LLC LP2950C Datasheet HTML 5Page - Calogic, LLC LP2950C Datasheet HTML 6Page - Calogic, LLC LP2950C Datasheet HTML 7Page - Calogic, LLC LP2950C Datasheet HTML 8Page - Calogic, LLC LP2950C Datasheet HTML 9Page - Calogic, LLC LP2950C Datasheet HTML 10Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
LP2950 / LP2951
CORPORATION
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-3025
TYPICAL APPLICATIONS
1F-44
*SEE APPLICATION INFO.
OUTPUT
VOLTAGE
INPUT
VOLTAGE
4.75V
ERROR*
1.3V
5.0V
R1
+V
IN
LP2951
FB
4
1F-45
SD
GND
VOUT
7
ERROR
8
1
3
R
2
ERROR
OUTPUT
SHUTDOWN
INPUT
3.3
µF
+
+V
IN
1.2 TO 30V
1.23V
.01
µF
100K
5
V
REF
R1
+V
IN
LP2951
FB
4
1F-46
SD
GND
VOUT
7
ERROR
8
1
+V
IN
1
µF
+
3
VOUT
470K
Ω
470K
Ω
R
2
LATCH OFF WHEN ERROR FLAG OCCURS
5
*V
OUT = VIN
+V
IN
LP2951
FB
4
1F-47
SD
GND
VOUT
7
ERROR
OUTPUT
SHUTDOWN
INPUT
ERROR
8
1
+VIN
*MINIMUM INPUT - OUTPUT VOLTAGE RANGES FROM 4mV TO 400mV.
DEPENDING ON LOAD CURRENT. CURRENT LIMIT IS TYPICALLY 160mA.
WIDE INPUT VOLTAGE RANGE CURRENT LIMITER
5
3
FIGURE 1. ERROR OUTPUT TIMING
FIGURE 2. ADJUSTABLE REGULATOR



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com